Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 29 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 29 Page - Clarke International

Back Button 6015607 Datasheet HTML 25Page - Clarke International 6015607 Datasheet HTML 26Page - Clarke International 6015607 Datasheet HTML 27Page - Clarke International 6015607 Datasheet HTML 28Page - Clarke International 6015607 Datasheet HTML 29Page - Clarke International 6015607 Datasheet HTML 30Page - Clarke International 6015607 Datasheet HTML 31Page - Clarke International 6015607 Datasheet HTML 32Page - Clarke International 6015607 Datasheet HTML 33Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
29
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
by the argon atmosphere to prevent as far as possible the formation of
oxides of its surface. When welding stainless steel and copper, it is often
possible to feed in the filler continuously at the edge of the pool.
• The arc length generally varies between 3 and 6 mm depending on the
type of joint, type and thickness of material and so on.
• The torch is advanced in the direction of welding without lateral
movement, maintaining the torch angle of 45o to the workpiece.
CAUTION: THE DUTY CYCLE MUST BE ADHERED TO IN ORDER TO PREVENT
THE THERMAL OVERLOAD PROTECTION FROM ACTIVATING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com