Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 8 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 8 Page - Clarke International

Back Button 6015607 Datasheet HTML 4Page - Clarke International 6015607 Datasheet HTML 5Page - Clarke International 6015607 Datasheet HTML 6Page - Clarke International 6015607 Datasheet HTML 7Page - Clarke International 6015607 Datasheet HTML 8Page - Clarke International 6015607 Datasheet HTML 9Page - Clarke International 6015607 Datasheet HTML 10Page - Clarke International 6015607 Datasheet HTML 11Page - Clarke International 6015607 Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DO NOT overload arc welding equipment. It may overheat cables and cause a fire.
Loose cable connections may overheat or flash and cause a fire. NEVER strike an arc
on a cylinder or other pressure vessel. It creates a brittle area that can cause a violent
rupture or lead to such a rupture later under rough handling.
ELECTRIC ARC WELDING
Comply with precautions in above and this section. Arc welding, properly done, is a
safe process but a careless operator invites trouble. The equipment carries high
currents at significant voltages. The arc is very bright and hot. Sparks fly, fumes rise,
ultraviolet and infrared energy radiates and work pieces are hot. The wise operator
avoids unnecessary risks and protects himself and others from accidents.
BURN PROTECTION
The welding arc is intense and visibly bright. It’s radiation can damage eyes,
penetrate lightweight clothing, reflect from light coloured surfaces and burn the skin
and eyes. Skin burns resemble acute sunburn, those from gas - shielded arcs are
more severe and painful.
PROTECTIVE CLOTHING (PPE) MUST BE WORN
Wear long sleeved clothing (particularly for gas shielded arc) in addition to gloves,
apron and strong shoes. As necessary, use additional protective clothing such as
leather jacket or sleeves, flame-proof apron, and fire-resistant leggings. Avoid outer
garments of untreated cotton. Bare skin protection: Wear dark substantial clothing,
button collars closed to protect the chest and neck and button any pockets to prevent
entry of sparks.
EYE AND HEAD PROTECTION
Protect eyes from exposure to arc. NEVER look at an electric arc without protection.
ALWAYS use a welding helmet or shield containing an appropriate filter plate placed
over the face before striking an arc. The filter plate must always be protected with a
clear cover plate. A cracked or broken helmet or shield should NOT be worn as
radiation can pass through to cause burns.
Cracked, broken, or loose filter plates must be replaced IMMEDIATELY. Replace clear
cover plate when broken, pitted, or spattered. We suggest you wear flash goggles
with side shields under the helmet, to give some protection to the eyes should the
helmet not be lowered over the face before an arc is struck. Looking at an arc
momentarily with unprotected eyes (particularly high intensity gas-shielded arc) can
cause a retinal burn that may leave a permanent dark area in the field of vision.
Before welding whilst wearing contact lenses, seek advice from your optician.
PROTECTION OF NEARBY PERSONNEL
For production welding, a separate, well vented room or enclosed bay is best. In open
areas, surround the operation with low reflective, non- combustible screens or panels.
Allow for free air circulation, particularly at floor level. Provide face shields for all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com