Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 19 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 19 Page - Clarke International

Back Button 6015607 Datasheet HTML 15Page - Clarke International 6015607 Datasheet HTML 16Page - Clarke International 6015607 Datasheet HTML 17Page - Clarke International 6015607 Datasheet HTML 18Page - Clarke International 6015607 Datasheet HTML 19Page - Clarke International 6015607 Datasheet HTML 20Page - Clarke International 6015607 Datasheet HTML 21Page - Clarke International 6015607 Datasheet HTML 22Page - Clarke International 6015607 Datasheet HTML 23Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONNECTING THE GAS CYLINDER
The welder can be configured to weld,
with or without a gas supply according to
the type of welding wire being used.
• Mild steel solid core (with gas)
• Flux cored (no gas)
1. Connect a gas cylinder to the
connector at the back of the welder
using the gas hose and hose clips
supplied.
MOUNTING THE WELDING WIRE SPOOL
Select the appropriate wire diameter (0.8, 1.0 or 1.2) according to the welding
process anticipated. After the wire diameter is selected, check that the wire diameter
matches the size of the wire feeding roller and the welding torch components.
Spools of welding wire are available from your CLARKE dealer.
1. Open the side panel and remove the
locking nut.
• The retaining locknut nut has a left-
hand thread.
2. Place a spool of welding wire over
the spindle.
• DO NOT release the tension on the
wire as it will unravel, causing
feeding problems later.
• The wire will feed off the spool anticlockwise from the bottom of the reel.
• The spool must be fitted in the correct orientation otherwise it will not feed
correctly.
3. Replace the retaining locknut to secure the spool.
WARNING: MAKE SURE THAT THE WELDER IS NOT CONNECTED TO
THE MAINS SUPPLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com