Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 22 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 22 Page - Clarke International

Back Button 6015607 Datasheet HTML 18Page - Clarke International 6015607 Datasheet HTML 19Page - Clarke International 6015607 Datasheet HTML 20Page - Clarke International 6015607 Datasheet HTML 21Page - Clarke International 6015607 Datasheet HTML 22Page - Clarke International 6015607 Datasheet HTML 23Page - Clarke International 6015607 Datasheet HTML 24Page - Clarke International 6015607 Datasheet HTML 25Page - Clarke International 6015607 Datasheet HTML 26Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
22
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CONFIGURING THE MACHINE CONNECTIONS
To prepare the machine for welding it is
important that you follow the following
procedure.
Making sure that the ON/OFF switch on
the rear panel is in the OFF position,
connect the welding leads and gas bottle
as follows and set the control panel
selections as follows.
Synergic control in a MIG welding
machine refers to a machine that
automatically sets the welding parameters, according to the wire type and diameter
and shielding gas. This is achieved by selecting either the amperage, wire feed speed
or plate thickness required, with a single knob. The built-in database with synergic
mode makes the welding easier.
CONNECTION AND OPERATION FOR MMA
There are two possible connection modes: Positive and Negative.
(A) Positive connection
1. Connect the workpiece to “+” electrode holder to “-”. This configuration is often
used when welding acid electrodes, giving high deposition rate and shallow
penetration.
(B) Negative connection
1. Connect the work piece to “-” and the electrode holder to “+”. This connection is
often used for alkaline electrodes. The weld penetration is deep. and good for arc
stability when using this negative connection welding alkaline electrodes.
2. Set the power ON.
3. Choose ”MMA” on the front panel.
MMA welding is possible only after the output is connected to the welding cable.
CONNECTION AND OPERATION FOR MIG/MAG
Connect the attachments as shown in the diagram on page 17.
1. Connect the power supply.
2. Connect the torch to the “+” socket on the front panel.
3. Connect the earth cable to the ”-” socket on the front panel and ensure a reliable
connection between the earth cable and the workpiece.
4. Fit the gas regulator to the gas cylinder and tighten securely.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com