Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 7 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 7 Page - Clarke International

Back Button 6015607 Datasheet HTML 3Page - Clarke International 6015607 Datasheet HTML 4Page - Clarke International 6015607 Datasheet HTML 5Page - Clarke International 6015607 Datasheet HTML 6Page - Clarke International 6015607 Datasheet HTML 7Page - Clarke International 6015607 Datasheet HTML 8Page - Clarke International 6015607 Datasheet HTML 9Page - Clarke International 6015607 Datasheet HTML 10Page - Clarke International 6015607 Datasheet HTML 11Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
atmosphere or where the radiant energy can penetrate to atmospheres containing
even minute amounts of trichloroethylene or perchloroethylene.
FIRE AND EXPLOSION PREVENTION
Causes of fire and explosion are:
1. Combustibles reached by the arc, flying sparks, hot slag or heated material
2. Short circuits.
BE AWARE that flying sparks or falling slag can pass through cracks, along pipes,
through windows or doors and through wall or floor openings, out of sight of the
goggled operator.
To prevent fires and explosion keep equipment clean and operable, free of oil, grease,
and (in electrical parts) of metallic particles that can cause short circuits. If
combustibles are in the area, DO NOT weld. Move the work if practicable to an area
free of combustibles.
Avoid working in paint spray rooms, dip tanks, storage areas, ventilators. If the work
cannot be moved, move combustibles away from sparks and heat; or protect against
ignition with suitable fire-resistant covers or shields.
Walls, ceilings, and floor near work should be protected by heat resistant covers or
shields. A Fire Watcher must be standing by with suitable fire extinguishing
equipment during and for some time after welding or cutting if:
1. Appreciable combustibles (including building construction) are within 10m.
2. Appreciable combustibles are further than 10m, but can be ignited by sparks.
3. Openings (concealed or visible) in floors or walls can expose combustibles to
sparks.
4. Combustibles adjacent to walls, ceilings, roofs or metal partitions can be ignited
by radiant or conducted heat.
After work, check that area is free of sparks, glowing embers and flames. An empty
container that held combustibles or that can produce flammable or toxic vapours
when heated, must never be welded on or cut, unless the container has first been
cleaned. This includes a thorough steam or caustic cleaning (or a solvent or water
washing, depending on the combustible’s solubility) followed by purging and inerting
with nitrogen or carbon dioxide and using protective equipment.
Water filling just below the working level may substitute for inerting.
A container with unknown contents should be cleaned (see paragraph above). DO
NOT depend on sense of smell or sight to determine if it is safe to weld or cut. Hollow
castings or containers must be vented before welding as they can explode.
In explosive atmospheres, NEVER weld or cut where the air may contain flammable
dust, gas, or liquid vapours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com