Electronic Components Datasheet Search
  English  ▼

X  

6015607 Datasheet(PDF) 28 Page - Clarke International

Part # 6015607
Description  MIG/MMA/TIG INVERTER WELDER
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

6015607 Datasheet(HTML) 28 Page - Clarke International

Back Button 6015607 Datasheet HTML 24Page - Clarke International 6015607 Datasheet HTML 25Page - Clarke International 6015607 Datasheet HTML 26Page - Clarke International 6015607 Datasheet HTML 27Page - Clarke International 6015607 Datasheet HTML 28Page - Clarke International 6015607 Datasheet HTML 29Page - Clarke International 6015607 Datasheet HTML 30Page - Clarke International 6015607 Datasheet HTML 31Page - Clarke International 6015607 Datasheet HTML 32Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
28
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TIG WELDING
Before TIG welding, you must obtain the correct torch and a gas cylinder of 100%
pure Argon from your CLARKE dealer.
To prepare the machine for TIG welding, adopt the following procedure.
• For good contact, the work clamp must be attached to clean bare metal.
Clean with a wire brush where necessary.
3. Turn the pressure regulator knob to set a pressure of approx. 2.5kg/cm2 (35 lbf/
in2).
4. Ensure the electrode at the torch nozzle, protrudes by 4 - 5mm and ensure that
the electrode is sharply pointed with an angle of 40o-60o if it is not, grind it to
shape.
5. Set the welding current in accordance with the thickness of the material to be
welded and the size of tungsten electrode to be used.
6. Cover your face with the head shield, bring the torch to within 3-4mm of the work,
and at an angle of 40-60o, so that the ceramic nozzle gently touches the work
surface.
7. Scratch the tip of the electrode against the piece to be welded, as soon as the
welding arc starts, remove the electrode to a distance of 3-4 mm, and continue
the weld. (See notes below).
• This method is referred to as ‘Scratch Arc’.
8. Turn off the gas as soon as you finish welding.
Notes:
• To avoid a visible strike mark on the surface of the workpiece it is advisable
to strike the arc in the joint where the mark will be concealed by the weld.
• Thin sheet and stainless steel may be welded with or without filler, similar
to gas welding.
• The filler is fed in at the edge of the pool. The rod must not touch the tip of
the electrode or enter the arc. The end of the rod must always be shielded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com