Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 21 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 21 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 17Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 18Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 19Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 20Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 21Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 22Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 23Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 24Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 25Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
FP6606
21
FP6606- Preliminary 0.3-JUN-2018
Vendor ID Low Byte Register (address = 0x00) [reset = 0x5B]
Vendor ID Low Byte Register
7
6
5
4
3
2
1
0
VENDOR_ID_L
R
LEGEND: R/W = Read/Write; R = Read only
Vendor ID Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
VENDOR_ID_L
R
0x5B
Low byte of a 16-bit USB-IF defined Fitipower vendor ID of 0x2E5B.
Vendor ID High Byte Register (address = 0x01) [reset = 0x2E]
Vendor ID High Byte Register
7
6
5
4
3
2
1
0
VENDOR_ID_H
R
LEGEND: R/W = Read/Write; R = Read only
Vendor ID High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
VENDOR_ID_H
R
0x2E
High byte of a 16-bit USB-IF defined Fitipower vendor ID of 0x2E5B.
Product ID Low Byte Register (address = 0x02) [reset =0x06]
Product ID Low Byte Register
7
6
5
4
3
2
1
0
PRODUCT_ID_L
R
LEGEND: R/W = Read/Write; R = Read only
Product ID Low Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
PRODUCT_ID_L
R
0x06
Low byte of a FP6606 16-bit Product ID of 0x6606.
Product ID High Byte Register (address = 0x03) [reset =0x66]
Product ID High Byte Register
7
6
5
4
3
2
1
0
PRODUCT_ID_H
R
LEGEND: R/W = Read/Write; R = Read only
Product ID High Byte Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
PRODUCT_ID_H
R
0x66
High byte of a FP6606 16-bit Product ID of 0x6606.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com