Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 69 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 69 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 65Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 66Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 67Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 68Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 69Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 70Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 71Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 72Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 73Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
FP6606
69
FP6606- Preliminary 0.3-JUN-2018
VBUS Control Register (address = 0xD0) [reset = 0x00]
The FBO pin of FP6606 must be connected to the feedback node of power stage. The upper feedback resistance of power stage needs to
select 100k Ohm and the VBUS of power stage also designs to default 5V. Consequently, the VBUS could be increased or decreased by
sinking or sourcing current from FBO pin of the FP6606.
The scale of FBO pin sink/source current is set by 11-bit MCU IT counter (Reg.0xD2~D1). The VBUS is default 5V when MCU IT counter is
default C8h (200 in decimal) and the FBO pin is no operation. If the value of MCU IT counter is set to lower than C8h, the FBO pin will
source current and the VBUS will be decreased. The lowest VBUS is 3V when MCU IT counter is set to zero. However, in case the value of
MCU IT counter is set to larger than C8h (200 in decimal), the FBO pin will sink current and the VBUS will be increased. The highest VBUS
is 23.47V when MCU IT counter is full (7FFh).
VBUS Control Register
7
6
5
4
3
2
1
0
MCU_CTRL_
VOLT_RST
Reserved
MCU_VOLT_
EN_CTRL
W
R
RW
LEGEND: R/W = Read/Write; R = Read only
VBUS Control Register Descriptions
Bit
Field
Type
Reset
Description
7
MCU_CTRL_VOLT_RST
W
0
MCU Voltage Control Reset:
TCPM reset MCU IT counter and FP6606 will clear this bit
automatically.
0b: No operation
1b: Reset MCU IT counter. VBUS Target Control Register
(Reg.0xD1~D2) reset to default value. The VBUS will be reset to 5V
when TCPM writes this bit with a 1b
6:1
Reserved
R
0x00
Reserved
0
MCU_VOLT _EN_CTRL
RW
0
MCU Voltage Control Enable:
0b: MCU IT counter is controlled by FP6606
1b: MCU IT counter is controlled by TCPM through setting VBUS
Target Control Register (Reg.0xD1~D2)
VBUS Target Control Byte 0 Register (address = 0xD1) [reset = 0xC8]
VBUS Target Control Byte 0 Register
7
6
5
4
3
2
1
0
MCU_IT_CNT_L
RW
LEGEND: R/W = Read/Write; R = Read only
VBUS Target Control Byte 0 Register Descriptions
Bit
Field
Type
Reset
Description
7:0
MCU_IT_CNT_L
RW
0xC8
MCU IT Counter Low:
The MCU IT counter is validly set only by even number. Each bit of
MCU IT counter represents 10mV of VBUS. The resolution of VBUS is
20mV because only even number can be set to MCU IT counter.
The MCU IT counter is 11-bit, which is configured as follow equation:
MCU_IT_CNT [10:0]= MCU_IT_CNT_H [10:8] + MCU_IT_CNT_L [7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com