Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 24 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 24 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 20Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 21Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 22Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 23Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 24Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 25Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 26Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 27Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 28Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
FP6606
24
FP6606- Preliminary 0.3-JUN-2018
Alert High Byte Register (address = 0x10) [reset =0x02]
If the FP6606 finishes the initiation, the PWR_STATUS bit will be set to high for informing the TCPM. When the FP6606 is powered on or
reset, the default value of this register will be set to 0x02 caused by the PWR_STATUS bit.
This register is used to indicate a status change event. When a status change event occurs and its corresponding Alert mask is unmasked,
the FP6606
will assert the INT_N low. The INT_N remains asserted until all events are cleared by write of 1’b1. Once all events are cleared
or corresponding Alert mask is masked, the INT_N will be de-asserted high.
Alert High Byte Register
7
6
5
4
3
2
1
0
VBUS_ALAR
M_HI
TX_SOP_SU
CCESS
TX_SOP_DIS
CARD
TX_SOP_FAI
L
RX_HARD_R
ESET
RX_SOP_ST
ATUS
PWR_STATU
S
CC_STATUS
RCU
RCU
RCU
RCU
RCU
RCU
RCU
RCU
LEGEND: R/W = Read/Write; R = Read only
Alert High Byte Register Descriptions
Bit
Field
Type
Reset
Description
7
VBUS_ALARM_HI
RCU
0
VBUS Voltage Alarm High
0b: Cleared
1b: A high-voltage alarm has occurred. Please refer to Reg.0x78 and
Reg. 0x79 for setting high-voltage alarm level.
6
TX_SOP_SUCCESS
RCU
0
Transmit SOP* Message Successful
0b: Cleared
1b: Reset or SOP* message transmission successful. GoodCRC
response received on SOP* message transmission. Transmit SOP*
message buffer registers are empty.
5
TX_SOP_DISCARD
RCU
0
Transmit SOP* Message Discarded
0b: Cleared
1b: Reset or SOP* message transmission not sent due to incoming
receive message. Transmit SOP* message buffer registers are empty.
4
TX_SOP_FAIL
RCU
0
Transmit SOP* Message Failed
0b: Cleared
1b: SOP* message transmission not successful, no GoodCRC
response received on SOP* message transmission. Transmit SOP*
message buffer registers are empty.
3
RX_HARD_RESET
RCU
0
Received Hard Reset
0b: Cleared.
1b: Received Hard Reset message
2
RX_SOP_STATUS
RCU
0
Receive SOP* Message Status
0b: Cleared.
1b: Receive buffer register changed. RECEIVE_BYTE_COUNT
(Reg.0x30) being set to 0 does not set this bit.
1
PWR_STATUS
RCU
1
Power Status
0b: Cleared.
1b: Power Status Changed
0
CC_STATUS
RCU
0
CC Status
0b: Cleared
1b: CC status changed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com