Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 39 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 39 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 35Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 36Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 37Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 38Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 39Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 40Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 41Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 42Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 43Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
FP6606
39
FP6606- Preliminary 0.3-JUN-2018
Device Capabilities 1 Byte 1 Register (address = 0x25) [reset =0x1E]
This register is in the nonvolatile memory of the FP6606. This register describes features supported by the FP6606.
Device Capabilities 1 Byte 1 Register
7
6
5
4
3
2
1
0
Reserved
VBUS_OCP_
REPORT
VBUS_OVP_
REPORT
BLEED_DISC
HARGE
FORCE_DIS
CHARGE
VBUS_MEAS
URE_ALARM
_CAPABLE
SRC_RESISTOR_SUPPORT
R
R
R
R
R
R
R
R
LEGEND: R/W = Read/Write; R = Read only
Device Capabilities 1 Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7
Reserved
R
0
Reserved
6
VBUS_OCP_REPORT
R
0
VBUS OCP Reporting
Support for both FAULT_STATUS.InternalorExternalOCP (Reg.0x1F
[3]) and FAULT_CONTROL. InternalorExternalOCP (Reg.0x1B [2])
implemented.
0b: VBUS OCP is not reported by the FP6606
1b: VBUS OCP is reported by the FP6606
5
VBUS_OVP_REPORT
R
0
This field does not affect FP6606. Please refer to the Reg. 0xCC.
When the VBUS is higher than the specified voltage, the Reg. 0xCD [1]
will be written with a 1b and the GPIO 2 (fault pin) will be pull high.
4
BLEED_DISCHARGE
R
1
Bleed Discharge
Support for POWER_CONTROL.EnableBleedDischarge (Reg.0x1C
[3]) implemented.
0b: No Bleed Discharge implemented in the FP6606
1b: Bleed Discharge is implemented in the FP6606
3
FORCE_DISCHARGE
R
1
Force Discharge
Support for POWER_CONTROL.ForceDischarge (Reg.0x1C [2]),
FAULT_STATUS.ForceDischargeFailed (Reg.0x1F [4]), and
VBUS_STOP_DISCHARGE_THRESHOLD (Reg.0x74&0x75)
implemented.
Support for VBUS_STOP_DISCHARGE_THRESHOLD
(Reg.0x74&0x75) register implemented when act as Source.
0b: No Force Discharge implemented in the FP6606
1b: Force Discharge is implemented in the FP6606
2
VBUS_MEASURE_ALARM_CA
PABLE
R
1
VBUS Measurement and Alarm Capable
Support for VBUS_VOLTAGE, VBUS_VOLTAGE_ALARM_HI_CFG
(Reg.0x76&0x77), VBUS_VOLTAGE_ALARM_LO_CFG
(Reg.0x78&0x79) implemented.
0b: No VBUS voltage measurement or VBUS Alarms
1b: VBUS voltage measurement and VBUS Alarms
1:0
SRC_RESISTOR_SUPPORT
R
10
Source Resistor Supported
Rp values which may be configured by the TCPM via the
ROLE_CONTROL register (Reg.0x1A).
00b: Rp default only
01b: Rp 1.5 A and default
10b: Rp 3 A, 1.5 A, and default
11b: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com