Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 73 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 73 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 65Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 66Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 67Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 68Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 69Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 70Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 71Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 72Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 73Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 73 / 73 page
background image
FP6606
73
FP6606- Preliminary 0.3-JUN-2018
Outline Information (Continued)
TQFN- 24
4mm×4mm (pitch 0.5mm )Package (Unit: mm)
SYMBOLS
UNIT
DIMENSION IN MILLIMETER
MIN
MAX
A
0.70
0.80
A1
0.00
0.05
C
0.18
0.30
E
3.90
4.10
D
3.90
4.10
L
0.35
0.45
b
0.18
0.30
e
0.50 BSC
E1
2.40
2.80
D1
2.40
2.80
Carrier dimensions
Life Support Policy
Fitipower’s products are not authorized for use as critical components in life support devices or other medical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com