Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 30 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 30 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 26Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 27Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 28Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 29Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 30Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 31Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 32Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 33Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 34Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 73 page
background image
FP6606
30
FP6606- Preliminary 0.3-JUN-2018
TCPC Control Register (address = 0x19) [reset =0x00]
The TCPM writes to the TCPC_ CONTROL register to set the Plug Orientation and enable/disable clock stretching.
TCPC Control Register
7
6
5
4
3
2
1
0
Reserved
EN_WATCHD
OG_TIMER
DEBUG_ACC
_CTL
I2C_CLOCK_STRETCHING_
CTL
BIST_TEST_
MODE
PLUG_ORIE
NTATION
RW
RW
RW
R
RW
RW
LEGEND: R/W = Read/Write; R = Read only
TCPC Control Register Descriptions
Bit
Field
Type
Reset
Description
7:6
Reserved
RW
000
Reserved
5
EN_WATCHDOG_TIMER
RW
0
Enable Watchdog Timer
Required if DEVICE_CAPABILITIES_2.Watch Dog Timer (Reg.0x27
[0]) = 1b
0b: Watchdog Monitoring is disabled (default)
1b: Watchdog Monitoring is enabled
4
DEBUG_ACC_CTL
RW
0
Debug Accessory Control
0b: Controlled by FP6606 (power on default)
1b: Controlled by TCPM. The TCPM writes 1b to this register to take
over control of asserting the DebugAccessoryConnected#.
3:2
I2C_CLOCK_STRETCHING_CT
L
RW
00
FP6606 does not support clock stretching.
1
BIST_TEST_MODE
RW
0
Built in Self-Test Mode:
Setting this bit to 1 is intended to be used only when a USB compliance
tester is using USB BIST Test Data to test the PHY layer of the
FP6606. The TCPM should clear this bit when a detach is detected.
0: Normal Operation. Incoming messages enabled by
RECEIVE_DETECT passed to TCPM via Alert.
1: BIST Test Mode. Incoming messages enabled by
RECEIVE_DETECT result in GoodCRC response but will not be
passed to the TCPM via Alert.
0
PLUG_ORIENTATION
RW
0
Plug Orientation
0b: When VCONN is enabled, apply it to the CC2 pin. Monitor the CC1
pin for BMC communications if PD messaging is enabled.
1b: When VCONN is enabled, apply it to the CC1 pin. Monitor the CC2
pin for BMC communications if PD messaging is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com