Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 66 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 66 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 62Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 63Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 64Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 65Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 66Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 67Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 68Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 69Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 70Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 73 page
background image
FP6606
66
FP6606- Preliminary 0.3-JUN-2018
Role Judge Finish Register (address = 0xCB) [reset = 0x00]
Role Judge Finish Register
7
6
5
4
3
2
1
0
Reserved
ROLE_JUDG
E_FINISH
Reserved
Reserved
Reserved
Reserved
Reserved
RW
RW
RW
RW
RW
RW
RW
LEGEND: R/W = Read/Write; R = Read only
Role Judge Finish Register Descriptions
Bit
Field
Type
Reset
Description
7:6
Reserved
RW
00
Reserved
5
ROLE_JUDGE_FINISH
RW
0
Role Judge Finish:
The purpose of this bit is power saving. TCPM should write this bit with
a 1b if the role of FP6606 is finished connecting as source/sink. Then,
the internal circuit of FP6606 will be activated from power saving
mode. However, TCPM should write this bit with a 0b when there is no
device connected with FP6606.
0b: The status of FP6606 is power saving mode.
1b: The status of FP6606 is activated from power saving mode.
4:0
Reserved
RW
0x0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com