Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 35 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 35 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 31Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 32Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 33Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 34Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 35Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 36Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 37Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 38Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 39Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
FP6606
35
FP6606- Preliminary 0.3-JUN-2018
Power Status Register (address = 0x1E) [reset =0x00]
The power status register indicate the state of the FP6606. It is set by the FP6606 and read by the TCPM. The power status register is not
latched and is continually updated unless powered off.
Power Status Register
7
6
5
4
3
2
1
0
DEBUG_ACC
_CONNECTE
D
TCPC_INIT_
STATUS
SOURCING_
HIGH_VOLTA
GE
SOURCING_
VBUS
VBUS_PRES
_DETECT_E
NABLED
VBUS_PRES
ENT
VCONN_PRE
SENT
SINKING_VB
US
RU
RU
RU
RU
RU
RU
RU
RU
LEGEND: R/W = Read/Write; R = Read only
Power Status Register Descriptions
Bit
Field
Type
Reset
Description
7
DEBUG_ACC_CONNECTED
RU
0
Debug Accessory Connected: Reflects the state of the
DebugAccessoryConnected# output if supported.
0b: No Debug Accessory connected (default)
1b: Debug Accessory connected
6
TCPC_INIT_STATUS
RU
0
TCPC Initialization Status
0b: The FP6606 has completed initialization and all registers are valid.
1b: The FP6606 is still performing internal initialization and the only
registers that are guaranteed to return the correct values are 00h..0Fh.
5
SOURCING_HIGH_VOLTAGE
RU
0
FP6606 does not support the function in this field. Please refer to
vendor defined register. The VBUS control function is assigned to the
Reg.0xD0~0xD2.
4
SOURCING_VBUS
RU
0
FP6606 does not support the function in this field. Please refer to
vendor defined register. The VBUS control function is assigned to the
Reg.0xD0~0xD2.
3
VBUS_PRES_DETECT_ENABL
ED
RU
0
VBUS Present Detection Enabled:
Indicates if the FP6606 is monitoring for VBUS Present or if the circuit
has been powered off.
0b: VBUS Present Detection Disabled (Default)
1b: VBUS Present Detection Enabled
2
VBUS_PRESENT
RU
0
VBUS present:
The FP6606 shall report VBUS present when FP6606 detects VBUS
rises above 4 V. The FP6606 shall report VBUS is not present when
FP6606 detects VBUS falls below 3.5 V. The FP6606 may report
VBUS is not present if VBUS is between 3.5 V and 4 V.
0b: VBUS Disconnected
1b: VBUS Connected
1
VCONN_PRESENT
RU
0
VCONN present:
If POWER_CONTROL.EnableVCONN (Reg.0x1C [0]) is disabled
VCONN Present should be set to 0b.
0b: VCONN is not present
1b: This bit is asserted when VCONN present CC1 or CC2. Threshold
is fixed at 2.4 V
0
SINKING_VBUS
RU
0
FP6606 does not support the function in this field. Please refer to the
Reg.0x85 [1] NMOS_SNK_ON. It is used to control sinking power path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com