Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 10 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 10 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
10
FP6606-Preliminary 0.3-JUN-2018
FP6606
Function Description (Continued)
MTP Register table
MTP function in FP6606 indicates thirty-two registers. Each page consists of four registers. Then, each chip includes eight pages.
The Reg.0x98~Reg.0x9A are used to operate the MTP registers. The definition of MTP register could be refer to following table.
However, both page 0 and page 1 are reserved by vendor.
Chip
Page
Register Name
Register
Address
MTP
Address
0
0
Reserved
0xA0
0x00
Reserved
0xA1
0x01
Reserved
0xA2
0x02
Reserved
0xA3
0x03
1
QC_PROTOCOL_CONTROL_BYTE_0
0x9C
0x04
QC_PROTOCOL_CONTROL_BYTE_1
0x9D
0x05
Reserved
0x9E
0x06
Reserved
0x9F
0x07
2
Reserved
0xA4
0x08
Reserved
0xA5
0x09
Reserved
0xA6
0x0A
Reserved
0xA7
0x0B
3
Reserved
0xA8
0x0C
Reserved
0xA9
0x0D
Reserved
0xAA
0x0E
Reserved
0xAB
0x0F
4
DEAD_BATTERY_VOLTAGE_SELECTION
0xAC
0x10
Reserved
0xAD
0x11
Reserved
0xAE
0x12
FACTORY_ID
0xAF
0x13
5
VENDOR_ID_L
0x00
0x14
VENDOR_ID_H
0x01
0x15
USBTYPEC_REV_L
0x06
0x16
USBTYPEC_REV_H
0x07
0x17
6
DEVICE_ID_L
0x04
0x18
DEVICE_ID_H
0x05
0x19
DEVICE_CAPABILITIES_1_L
0x24
0x1A
DEVICE_CAPABILITIES_1_H
0x25
0x1B
7
DEVICE_CAPABILITIES_2_L
0x26
0x1C
DEVICE_CAPABILITIES_2_H
0x27
0x1D
STANDARD_INPUT_CAPABILITIES
0x28
0x1E
STANDARD_OUTPUT_CAPABILITIES
0x29
0x1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com