Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 16Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 17Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
FP6606
13
FP6606- Preliminary 0.3-JUN-2018
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C (SDA and SCL). VDD must be above 3V to operate at 3.3V I2C levels
High-level input signal voltage
VIH(I2C)
1.2
V
Low-level input signal voltage
VIL(I2C)
0.4
V
Low-level signal output voltage (open-
drain)
VOL(I2C)
0.4
V
Low level output current
IOL(I2C)
6
mA
Leakage through SDA and SCL pins
I(I2C_LKG)
VDD = 0V; pin pulled up to
3.6V
-1
1
μA
Capacitance for SDA and SCL pins
C(I2C)
10
pF
I2C bus capacitance for FM+ (1MHz)
C(I2C_FM+_BUS)
150
pF
I2C bus capacitance for FM (400KHz)
C(I2C_FM_BUS)
150
pF
External resistors on both SDA and SCL
when operating at FM+ (1MHz)
R(EXT_I2C_FM+)
C(I2C_FM+_BUS) = 150pF
620
820
910
Ω
External resistors on both SDA and SCL
when operating at FM (400KHz)
R(EXT_I2C_FM)
C(I2C_FM_BUS) = 150pF
620
1500
2200
Ω
VBUS
Bleed discharge is a low current discharge
to provide a minimum load current if
needed
R(Bleed)
8
10
12.5
k
Ω
Force discharge resistance
R(FA_Discharge)
400
Ω
VBUS_voltage register measurement
accuracy
V(VBUS_MEASURE_AC
C)
-2
2
%
OTSD
TJ over temperature trip threshold resulting
in VCONN turn off and flag set
T(OTSD1)
150
°C
FBO Pin-QC mode
Up/down current step (QC 2.0/3.0)
IUP, IDOWN
IUP = 40μA (9V), 70μA (12V),
IDOWN = 14μA (3.6V).
2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com