Electronic Components Datasheet Search
  English  ▼

X  

FP6606 Datasheet(PDF) 49 Page - Fitipower Integrated Technology Inc.

Part # FP6606
Description  USB Type-C Power Delivery and USB HVDCP Controller
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6606 Datasheet(HTML) 49 Page - Fitipower Integrated Technology Inc.

Back Button FP6606 Datasheet HTML 45Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 46Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 47Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 48Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 49Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 50Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 51Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 52Page - Fitipower Integrated Technology Inc. FP6606 Datasheet HTML 53Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
FP6606
49
FP6606- Preliminary 0.3-JUN-2018
VBUS Sink Disconnect Threshold Byte 1 Register (address = 0x73) [reset = 0x00]
VBUS Sink Disconnect Threshold Byte 1 Register
7
6
5
4
3
2
1
0
Reserved
VBUS_SNK_DISC_THRESHO
LD[9:8]
R
RW
LEGEND: R/W = Read/Write; R = Read only
VBUS Sink Disconnect Threshold Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
0x00
Reserved
1:0
VBUS_SNK_DISC_THRESHOL
D[9:8]
RW
00
VBUS Sink Disconnect Threshold[9:8]
10-bit for voltage threshold with 25 mV LSB. (Default vSafe5V) ±5%
accuracy. A value of bit 9..0 = 0x00 disables this threshold.
VBUS Stop Discharge Threshold Byte 0 Register (address = 0x74) [reset = 0x00]
This register is required by FP6606 which act as a Source and support POWER_CONTROL.ForceDischarge (Reg.0x1C [2]). The TCPM
writes to this register to set the threshold at which a Source shall stop the forced discharge when POWER_CONTROL.ForceDischarge
(Reg.0x1C [2]) = 1b. TCPC acting as a Source shall always discharge to vSafe0V upon disconnect, Hard Reset, or Power Role Swap.
VBUS Stop Discharge Threshold Byte 0 Register
7
6
5
4
3
2
1
0
VBUS_STOP_DISCHARGE_THRESHOLD[7:0]
RW
LEGEND: R/W = Read/Write; R = Read only
VBUS Stop Discharge Threshold Byte 0 Register Descriptions
Bit
Field
Type
Reset
Description
7:0
VBUS_STOP_DISCHARGE_TH
RESHOLD[7:0]
RW
0x00
VBUS Stop Discharge Threshold[7:0]
10-bit for voltage threshold with 25 mV LSB. (Default vSafe5V) ±5%
accuracy.
VBUS Stop Discharge Threshold Byte 1 Register (address = 0x75) [reset = 0x00]
VBUS Stop Discharge Threshold Byte 1 Register
7
6
5
4
3
2
1
0
Reserved
VBUS_STOP_DISCHARGE_T
HRESHOLD[9:8]
R
RW
LEGEND: R/W = Read/Write; R = Read only
VBUS Stop Discharge Threshold Byte 1 Register Descriptions
Bit
Field
Type
Reset
Description
7:2
Reserved
R
0x00
Reserved
1:0
VBUS_STOP_DISCHARGE_TH
RESHOLD[9:8]
RW
00
VBUS Stop Discharge Threshold[9:8]
10-bit for voltage threshold with 25 mV LSB. (Default vSafe5V) ±5%
accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com