Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 3 Page - Renesas Technology Corp

  FN6690 Datasheet HTML 1Page - Renesas Technology Corp FN6690 Datasheet HTML 2Page - Renesas Technology Corp FN6690 Datasheet HTML 3Page - Renesas Technology Corp FN6690 Datasheet HTML 4Page - Renesas Technology Corp FN6690 Datasheet HTML 5Page - Renesas Technology Corp FN6690 Datasheet HTML 6Page - Renesas Technology Corp FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 3 of 19
Sep 26, 2008
Absolute Maximum Ratings
Thermal Information
Voltage on VDD, VBAT, SCL, SDA, and FT/OUT Pins
(Respect to GND). . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.5V
Voltage on X1 and X2 Pins
(Respect to GND)
VDD Mode. . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5
VBAT Mode . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VBAT + 0.5
Thermal Resistance (Typical, Note 1) . . . . . . . . . . . . . . .
JA (°C/W)
8 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
DC Operating Characteristics – RTC Temperature = -40°C to +85°C. Recommended Operating Conditions, unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 5)
MAX
(Note 8)
UNITS
NOTES
VDD
Main Power Supply
2.7
5.5
V
VBAT
Battery Supply Voltage
1.8
5.5
V
IDD1
Supply Current
VDD = 5V
2.8
6
µA
2, 3
VDD = 3V
1.6
4
µA
IDD2
Supply Current With I2C Active
VDD = 5V
40
120
µA
2, 3
IDD3
Supply Current (Low Power Mode)
VDD = 5V, LPMODE = 1
2.3
5
µA
2
IBAT
Battery Supply Current
VBAT = 3V, +25°C
800
950
nA
2
ILI
Input Leakage Current on SCL
-1
0.1
+1
µA
ILO
I/O Leakage Current on SDA
-1
0.1
+1
µA
VTRIP
VBAT Mode Threshold
2.3
2.6
2.9
V
VTRIPHYS
VTRIP Hysteresis
36
mV
6
VBATHYS
VBAT Hysteresis
53
mV
6
FT/OUT
VOL
Output Low Voltage
VDD = 5V
IOL = 3mA
0.02
0.4
V
VDD = 2.7V
IOL = 1mA
0.02
0.4
V
Power-Down Timing
Temperature = -40°C to +85°C. Recommended Operating Conditions unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
(Note 8)
TYP
(Note 5)
MAX
(Note 8)
UNITS
NOTES
VDD SR-
VDD Negative Slewrate
5V/ms
4
Serial Interface Specifications Recommended Operating Conditions. Unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
(Note 5)
MAX
(Note 8)
UNITS NOTES
SERIAL INTERFACE SPECS
VIL
SDA and SCL Input Buffer LOW Voltage
-0.3
0.3 x VDD
V
VIH
SDA and SCL Input Buffer HIGH Voltage
0.7 x VDD
VDD + 0.3
V
Hysteresis SDA and SCL Input Buffer Hysteresis
0.05 x
VDD
V
6, 7
VOL
SDA Output Buffer LOW Voltage, Sinking 3mA
0
0.02
0.4
V
Cpin
SDA and SCL Pin Capacitance
TA = +25°C, f = 1MHz, VDD = 5V,
VIN = 0V, VOUT = 0V
10
pF
6, 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com