Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 5Page - Renesas Technology Corp FN6690 Datasheet HTML 6Page - Renesas Technology Corp FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 9 of 19
Sep 26, 2008
Also provided is the ability to adjust the crystal capacitance
when the ISL12008 switches from VDD to battery backup
mode. See “Battery Backup Mode (VBAT) to Normal Mode
(VDD)” on page 7.
Register Descriptions
The battery-backed registers are accessible following a slave
byte of “1101000x” and reads or writes to addresses [00h:1Fh].
The defined addresses and default values are described in
Table 1. Address 12h to 1Eh are not used. Reads or writes to
12h to 1Eh will not affect operation of the device but should be
avoided.
REGISTER ACCESS
The contents of address 00h to 07h can be modified by
performing a byte or a page write operation directly to any
register address. In a page write operation to address 00h to
07h, the address will wrap around from 07h to 00h. All the
other registers (Address 08h to 11h and 1Fh) can be modified
by performing a byte write operation.
The registers are divided into 3 sections. These are:
1. Real Time Clock (8 bytes): Address 00h to 06h, and 1Fh.
Address 1Fh is Sub-Second register and it is a read-only.
2. Control and Status (4 bytes): Address 07h to 0Bh.
3. Alarm (6 bytes): Address 0Ch to 11h.
There are no addresses above 1Fh.
Address 12h to 1Eh are not used. Reads or writes to 12h to
1Eh will not affect operation of the device but should be
avoided.
A register can be read by performing a random read at any
address at any time. This returns the contents of that register
location. Additional registers are read by performing a
sequential read. For the RTC and Alarm registers, the read
operation latches all clock registers into a buffer, so an update
of the clock does not change the time being read. A sequential
read will not result in the output of data from the memory array.
At the end of a read, the master supplies a stop condition to
end the operation and free the bus. After a read, the address
remains at the previous address +1 so the user can execute a
current address read and continue reading the next register. In
a sequential read, the address will warp around at address 07h
to 00h; therefore, please use byte read operation to read the
registers after address 07h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com