Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN6690 Datasheet HTML 1Page - Renesas Technology Corp FN6690 Datasheet HTML 2Page - Renesas Technology Corp FN6690 Datasheet HTML 3Page - Renesas Technology Corp FN6690 Datasheet HTML 4Page - Renesas Technology Corp FN6690 Datasheet HTML 5Page - Renesas Technology Corp FN6690 Datasheet HTML 6Page - Renesas Technology Corp FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN6690 Rev 1.00
Page 1 of 19
Sep 26, 2008
FN6690
Rev 1.00
Sep 26, 2008
ISL12008 I2C Real Time Clock with Battery Backup
Low Power RTC with Battery ReSeal™ Function
DATASHEET
The ISL12008 device is a low power real time clock/calendar
that is pin compatible and functionally equivalent to the
ST M41T00S and Maxim DS1340 with timing and crystal
compensation. The device additionally provides power-fail
indicator, software alarm and intelligent battery backup.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
Pinout
ISL12008
(8 LD SOIC)
TOP VIEW
Features
• Pin Compatible to ST M41T00S and Maxim DS1340
• Functionality Equivalent to ST M41T00S and Maxim
DS1340
• Real Time Clock/Calendar
- Tracks Time in Hours, Minutes, Seconds and
Sub-seconds
- Day of the Week, Day, Month, and Year
• 512Hz Frequency Outputs for On-Chip Crystal
Compensation
• Software Alarm
- Settable to the Second, Minute, Hour, Day of the Week,
Day, or Month
• Automatic Low-Drop Battery Switch for Longest Backup
Life
• Power Failure Detection
• Battery ReSeal™ for Long Shelf Life
•I2C Bus™
- 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Small Package Option
- 8 Ld SOIC
• Pb-Free (RoHS Compliant)
Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set-Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive
.
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
VDD
RANGE
(V)
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL12008IB8Z
12008 IBZ 2.7 to 5.5 -40 to +85 8 Ld SOIC M8.15
ISL12008IB8Z-T* 12008 IBZ 2.7 to 5.5 -40 to +85 8 Ld SOIC M8.15
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak
reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
8
7
X1
X2
VBAT
VDD
FT/OUT
SCL
SDA
GND
5
6


Similar Part No. - FN6690

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN660-1 ETC2-FN660-1 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-1-06 ETC2-FN660-1-06 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-10 ETC2-FN660-10 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-16 ETC2-FN660-16 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
FN660-20 ETC2-FN660-20 Datasheet
527Kb / 4P
Two-stage general performance EMI filter
More results

Similar Description - FN6690

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
ATMEL Corporation
AT73C224-A ATMEL-AT73C224-A_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-B ATMEL-AT73C224-B_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-C ATMEL-AT73C224-C_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-D ATMEL-AT73C224-D_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-F ATMEL-AT73C224-F_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
AT73C224-G ATMEL-AT73C224-G_14 Datasheet
1Mb / 75P
Ultra-low Power Real-time Clock (RTC) and Backup Battery Management
logo
Renesas Technology Corp
ISL1208 RENESAS-ISL1208 Datasheet
1,010Kb / 24P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
ISL12008 RENESAS-ISL12008 Datasheet
791Kb / 19P
Low Power RTC with Battery ReSeal??Function
ISL1208 RENESAS-ISL1208_V01 Datasheet
1Mb / 25P
I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com