Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp FN6690 Datasheet HTML 15Page - Renesas Technology Corp FN6690 Datasheet HTML 16Page - Renesas Technology Corp FN6690 Datasheet HTML 17Page - Renesas Technology Corp FN6690 Datasheet HTML 18Page - Renesas Technology Corp FN6690 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 17 of 19
Sep 26, 2008
need to be utilized (total correction range = -97.0695ppm to
+206.139ppm).
A system to implement temperature compensation would
consist of the ISL12008, a temperature sensor, and a
microcontroller. These devices may already be in the system
so the function will just be a matter of implementing software
and performing some calculations. Fairly accurate temperature
compensation can be implemented just by using the crystal
manufacturer’s specifications for the turnover temperature T0
and the drift coefficient (
). The formula for calculating the
oscillator adjustment necessary is Equation 4:
Once the temperature curve for a crystal is established, then
the designer should decide at what discrete temperatures the
compensation will change. Since drift is higher at extreme
temperatures, the compensation may not be needed until the
temperature is greater than +20°C from T0.
A sample curve of the ATR setting vs Frequency Adjustment
for the ISL12008 and a typical RTC crystal is given in
Figure 16. This curve may vary with different crystals, so it is
good practice to evaluate a given crystal in an ISL12008 circuit
before establishing the adjustment values.
This curve is then used to figure what ATR and DTR settings
are used for compensation. The results would be placed in a
lookup table for the microcontroller to access.
Layout Considerations
The crystal input at X1 has a very high impedance, and
oscillator circuits operating at low frequencies (such as
32.768kHz) are known to pick up noise very easily if layout
precautions are not followed. Most instances of erratic clocking
or large accuracy errors can be traced to the susceptibility of
the oscillator circuit to interference from adjacent high speed
clock or data lines. Careful layout of the RTC circuit will avoid
noise pickup and insure accurate clocking.
Figure 17 shows a suggested layout for the ISL12008 device
using a surface mount crystal. Two main precautions should be
followed:
1. Do not run the serial bus lines or any high speed logic lines
in the vicinity of the crystal. These logic level lines can
induce noise in the oscillator circuit to cause misclocking.
2. Add a ground trace around the crystal with one end
terminated at the chip ground. This will provide termination
for emitted noise in the vicinity of the RTC device.
In addition, it is a good idea to avoid a ground plane under the
X1 and X2 pins and the crystal, as this will affect the load
capacitance and therefore the oscillator accuracy of the circuit.
If the FT/OUT pin is used as a clock, it should be routed away
from the RTC device as well. The traces for the VBAT and VCC
pins can be treated as a ground, and should be routed around
the crystal.
Super Capacitor Backup
The ISL12008 device provides a VBAT pin which is used for a
battery backup input. A super capacitor can be used as an
alternative to a battery in cases where shorter backup times
are required. Since the battery backup supply current required
by the ISL12008 is extremely low, it is possible to get months
of backup operation using a super capacitor. Typical capacitor
values are a few µF to 1F or more, depending on the
application.
If backup is only needed for a few minutes, then a small
inexpensive electrolytic capacitor can be used. For extended
periods, a low leakage, high capacity super capacitor is the
best choice. These devices are available from such vendors as
Panasonic and Murata. The main specifications include
working voltage and leakage current. If the application is for
charging the capacitor from a +5V ±5% supply with a signal
diode, then the voltage on the capacitor can vary from ~4.5V to
slightly over 5.0V. A capacitor with a rated WV of 5.0V may
have a reduced lifetime if the supply voltage is slightly high.
The leakage current should be as small as possible. For
example, a super capacitor should be specified with leakage of
well below 1µA. A standard electrolytic capacitor with DC
leakage current in the microamps will have a severely
shortened backup time.
Following are some examples with equations to assist with
calculating backup times and required capacitance for the
ISL12008 device. The backup supply current plays a major
part in these equations, and a typical value was chosen for
example purposes. For a robust design, a margin of 30%
should be included to cover supply current and capacitance
tolerances over the results of the calculations. Even more
Adjustment(ppm)
T T0
–
2
=

(EQ. 4)
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
0
5 10 15 20 25 30 35 40 45 50 55 60
ATR SETTING
FIGURE 16. ATR SETTING vs OSCILLATOR FREQUENCY
ADJUSTMENT
FIGURE 17. SUGGESTED LAYOUT FOR ISL12008 AND
CRYSTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com