Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 3Page - Renesas Technology Corp FN6690 Datasheet HTML 4Page - Renesas Technology Corp FN6690 Datasheet HTML 5Page - Renesas Technology Corp FN6690 Datasheet HTML 6Page - Renesas Technology Corp FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 7 of 19
Sep 26, 2008
manufacturing or with an external temperature sensor and
microcontroller for active compensation (see Figure 6).
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event that the VDD
supply fails. This pin can be connected to a battery, a super
capacitor or tied to ground if not used.
FT/OUT (512Hz Frequency Output/Logic Output)
This dual function pin can be used as a 512Hz frequency
output pin for on-chip crystal compensation or a simple digital
output control via I2C. The FT/OUT mode is selected via the
OUT and FT control bits of the control/status register (address
07h). This pin is an open drain output requires the use of a
pull-up resistor.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of the
device. The input buffer on this pin is always active (not gated).
It is disabled when the backup power supply on the VBAT pin is
activated to minimize power consumption.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out of
the device. It has an open drain output and may be ORed with
other open drain or open collector outputs. The input buffer is
always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor. The
output circuitry controls the fall time of the output signal with
the use of a slope controlled pull-down. The circuit is designed
for 400kHz I2C bus speeds. It is disabled when the backup
power supply on the VBAT pin is activated.
VDD, GND
Chip power supply and ground pins. The device will operate
with a power supply from 2.7V to 5.5VDC. A 0.1µF decoupling
capacitor is recommended on the VDD pin to ground.
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input.
Many types of batteries can be used with Intersil RTC
products. For example, 3.0V or 3.6V Lithium batteries are
appropriate, and battery sizes are available that can power the
ISL12008 for up to 10 years. Another option is to use a super
capacitor for applications where VDD is interrupted for up to a
month. See “Application Section” on page 16 for more
information.
Normal Mode (VDD) to Battery Backup Mode (VBAT)
To transition from the VDD to VBAT mode, both of the following
conditions must be met:
Condition 1:
VDD < VBAT - VBATHYS
where VBATHYS  50mV
Condition 2:
VDD < VTRIP
where VTRIP  2.6V
Battery Backup Mode (VBAT) to Normal Mode (VDD)
The ISL12008 device will switch from the VBAT to VDD mode
when one of the following conditions occurs:
Condition 1:
VDD > VBAT + VBATHYS
where VBATHYS 50mV
Condition 2:
VDD > VTRIP + VTRIPHYS
where VTRIPHYS  30mV
These power control situations are illustrated in Figures 7 and
8.
FIGURE 6. RECOMMENDED CRYSTAL CONNECTION
X1
X2
VBAT - VBATHYS
VBAT
VBAT + VBATHYS
BATTERY BACKUP
MODE
VDD
VTRIP
2.6V
1.8V
FIGURE 7. BATTERY SWITCHOVER WHEN VBAT < VTRIP
FIGURE 8. BATTERY SWITCHOVER WHEN VBAT > VTRIP
VTRIP
VBAT
VTRIP + VTRIPHYS
BATTERY BACKUP
MODE
VDD
VTRIP
3.0V
2.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com