Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp FN6690 Datasheet HTML 15Page - Renesas Technology Corp FN6690 Datasheet HTML 16Page - Renesas Technology Corp FN6690 Datasheet HTML 17Page - Renesas Technology Corp FN6690 Datasheet HTML 18Page - Renesas Technology Corp FN6690 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 18 of 19
Sep 26, 2008
margin should be included if periods of very warm temperature
operation are expected.
EXAMPLE 1: CALCULATING BACKUP TIME GIVEN
VOLTAGES AND CAPACITOR VALUE
In Figure 18, use CBAT = 0.47F and VCC = 5V. With VCC = 5V,
the voltage at VBAT will approach 4.7V as the diode turns off
completely. The ISL12008 is specified to operate down to VBAT =
1.8V. The capacitance charge/discharge in Equation 5 is used to
estimate the total backup time as follows:
Rearranging gives Equation 6:
CBAT is the backup capacitance and dV is the change in
voltage from fully charged to loss of operation. Note that ITOT
is the total of the supply current of the ISL12008 (IBAT) plus the
leakage current of the capacitor and the diode, ILKG. In these
calculations, ILKG is assumed to be extremely small and will be
ignored. If an application requires extended operation at
temperatures over +50°C, these leakages will increase and
hence reduce backup time.
Note that IBAT changes with VBAT almost linearly (see “Typical
Performance Curves” on page 6). This allows us to make an
approximation of IBAT, using a value midway between the two
endpoints. The typical linear equation for IBAT vs VBAT is
shown in Equation 7:
Using Equation 7 to solve for the average current given 2
voltage points gives Equation 8:
Combining with Equation 6 gives the equation for backup time
in Equation 9:
where:
CBAT = 0.47F
VBAT2 = 4.7V
VBAT1 = 1.8V
ILKG = 0 (assumed minimal)
Solving Equation 8 for this example (IBATAVG = 4.387E-7A)
yields Equation 10:
Since there are 86,400 seconds in a day, this corresponds to
35.96 days. If the 30% tolerance is included for capacitor and
supply current tolerances, then worst case backup time would
be represented in Equation 11:
EXAMPLE 2: CALCULATING A CAPACITOR VALUE FOR A
GIVEN BACKUP TIME
Referring to Figure 18 again, the capacitor value needs to be
calculated to give 2 months (60 days) of backup time, given
VCC = 5.0V. As in Example 1, the VBAT voltage will vary from
4.7V down to 1.8V. We will need to rearrange Equation 6 to
solve for capacitance in Equation 12:
Using the terms previously described, Equation 12 becomes
Equation 13:
where:
tBACKUP = 60 days*86,400 sec/day = 5.18 E6 seconds
IBATAVG = 4.387 E-7A (same as Example 1)
ILKG = 0 (assumed)
VBAT2 = 4.7V
VBAT1 = 1.8VSolving gives
CBAT = 5.18 E6*(4.387 E-7)/(2.9) = 0.784F
If the 30% tolerance is included for tolerances, then worst case
capacitor value would be:
FIGURE 18. SUPERCAPACITOR CHARGING CIRCUIT
2.7V TO 5.5V
VCC
VBAT
GND
1N4148
CBAT
I = CBAT*dV/dT
(EQ. 5)
dT = CBAT*dV/ITOT to solve for backup time.
(EQ. 6)
IBAT = 1.031E-7*(VBAT) + 1.036E-7A
(EQ. 7)
IBATAVG = 5.155E-8*(VBAT2 + VBAT1) + 1.036E-7A
(EQ. 8)
tBACKUP = CBAT*(VBAT2 - VBAT1) / (IBATAVG + ILKG)
(EQ. 9)
seconds
(EQ. 10)
tBACKUP
0.47
2.9
 4.38E 7
3.107E6s
=
–
=
(EQ. 11)
CBAT
0.70 35.96
25.2
=
days
=
CBAT = dT*I/dV
(EQ. 12)
CBAT = tBACKUP*(IBATAVG + ILKG)/(VBAT2 – VBAT1)
(EQ. 13)
(EQ. 14)
CBAT
1.3 0.784
1.02F
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com