Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp FN6690 Datasheet HTML 15Page - Renesas Technology Corp FN6690 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 12 of 19
Sep 26, 2008
Analog Trimming Register (ATR) [Address 0Ah]
ANALOG TRIMMING REGISTER (ATR<5:0>)
Six analog trimming bits, ATR0 to ATR5, are provided in order
to adjust the on-chip load capacitance value for frequency
compensation of the RTC. Each bit has a different weight for
capacitance adjustment. For example, using a Citizen CFS-
206 crystal with different ATR bit combinations provides an
estimated ppm adjustment range from -34ppm to +80ppm to
the nominal frequency compensation. The combination of
analog and digital trimming can give up to -97.0695ppm to
+206.139ppm of total adjustment.
The effective on-chip series load capacitance, CLOAD, ranges
from 9pF to 40.5pF with a mid-scale value of 12.5pF (default).
CLOAD is changed via two digitally controlled capacitors, CX1
and CX2, connected from the X1 and X2 pins to ground (see
Figure 9). The value of CX1 and CX2 are given in Equation 1:
The effective series load capacitance is the combination of CX1
and CX2 in Equation 2:
where b5 is ATR5 bit, b4 is ATR4 bit, b3 is ATR3 bit, b2 is
ATR1 bit, and b0 is ATR0 bit.
For example, CLOAD(ATR = 000000b [0d]) = 12.5pF, CLOAD
(ATR = 100000b [32d]) = 4.5pF and CLOAD (ATR = 011111b
[31d]) = 20.25pF. The entire range for the series combination
of load capacitance goes from 4.5pF to 20.25pF in 0.25pF
steps. Note that these are typical values.
BATTERY MODE ATR SELECTION (BMATR <1:0>)
Since the accuracy of the crystal oscillator is dependent on the
VDD/VBAT operation, the ISL12008 provides the capability to
adjust the capacitance between VDD and VBAT when the
device switches between power sources.
Digital Trimming Register (DTR) [Address 07h]
DIGITAL TRIMMING REGISTER (DTR<5:0>)
Six digital trimming bits, DTR0 to DTR5, are provided to adjust
the average number of counts per second and average the
ppm error to achieve better accuracy.
• DTR5 is a sign bit. DTR5 = “0” means frequency
compensation is < 0. DTR5 = “1” means frequency
compensation is > 0.
• DTR<4:0> are scale bits. With DTR5 = “0”, DTR<4:0> gives -
2.0345ppm adjustment per step. With DTR5 = “1”,
DTR<4:0> gives +4.0690ppm adjustment per step.
A range from -63.0696ppm to +126.139ppm can be
represented by using these 3 bits.
For example, with DTR = 11111, the digital adjustment is
(1111b[15d]*4.0690) = +126.139ppm. With DTR = 01111, the
digital adjustment is (-(1111b[15d]*2.0345)) = -63.0696ppm.
512HZ FREQUENCY OUTPUT ENABLE BIT (FT)
This bit enables/disables the 512Hz frequency output on the
FT/OUT pin. When the FT is set to “1”, the FT/OUT pin outputs
the 512Hz frequency, regardless of the Digital Output selection
bit (OUT). The 512Hz frequency output is used for crystal
compensation with ATR and DTR registers. When the FT is set
to “0”, the 512Hz frequency is disabled and the function of
FT/OUT pin is selected by the Digital Output selection bit (OUT).
The FT bit is set to “0” on power-up. The FT/OUT pin is an open
drain output requires the use of a pull-up resistor.
DIGITAL OUTPUT SELECTION BIT (OUT)
This bit selects the output status of the FT/OUT. 512Hz
Frequency Output Enable bit (FT) must be set to “0” (disable)
for OUT to take effect on FT/OUT pin. When the OUT is set to
“1” and FT is set to “0”, the FT/OUT pin is set to logic level
TABLE 5. ANALOG TRIMMING REGISTER (ATR)
ADDR
7
6
543210
0Ah
BMATR1 BMATR0 ATR5 ATR4 ATR3 ATR2 ATR1 ATR0
Default
0
0
000000
FIGURE 9. DIAGRAM OF ATR
CX1
X1
X2
CRYSTAL
OSCILLATOR
CX2
CX
16
b5
8
b4 4 b3 2 b2 1 b1 0.5 b0 9
+
+
+
+
+
+
pF
=
(EQ. 1)
CLOAD
1
1
CX1
-----------
1
CX2
-----------
+


-----------------------------------
=
CLOAD
16 b5
8 b4 4 b3 2 b2 1 b1 0.5 b
09
+
+
+
+
+
+
2
------------------------------------------------------------------------------------------------------------------------------

 pF
=
(EQ. 2)
BMATR1
BMATR0
DELTA
CAPACITANCE
(CBAT TO CVDD)
0
0
0pF
0
1
-0.5pF (
 +2ppm)
1
0
+0.5pF (
 -2ppm)
1
1
+1pF (
 -4ppm)
TABLE 6. DIGITAL TRIMMING REGISTER (DTR)
ADDR
7
6
543210
07h
OUT
FT
DTR5 DTR4 DTR3 DTR2 DTR1 DTR0
Default
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com