Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 4Page - Renesas Technology Corp FN6690 Datasheet HTML 5Page - Renesas Technology Corp FN6690 Datasheet HTML 6Page - Renesas Technology Corp FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 8 of 19
Sep 26, 2008
The I2C bus is deactivated in battery backup mode to provide
lower power. Aside from this, all RTC functions are operational
during battery backup mode. Except for SCL and SDA, all the
inputs and outputs of the ISL12008 are active during battery
backup mode unless disabled via the control register.
Power Failure Detection
The ISL12008 provides a Real Time Clock Failure Bit (RTCF,
address 0Bh) to detect total power failure. It allows users to
determine if the device has powered up after having lost all
power to the device (both VDD and VBAT).
Low Power Mode
The normal power switching of the ISL12008 is designed to
switch into battery backup mode only if the VDD power is lost.
This will ensure that the device can accept a wide range of
backup voltages from many types of sources while reliably
switching into backup mode. Another mode, called Low Power
Mode, is available to allow direct switching from VDD to VBAT
without requiring VDD to drop below VTRIP. Since the
additional monitoring of VDD vs VTRIP is no longer needed,
that circuitry is shut down and less power is used while
operating from VDD. Power savings are typically 600nA at VDD
= 5V. Low Power Mode is activated via the LPMODE bit
(address 08h, bit 5) in the control and status registers.
Low Power Mode is useful in systems where VDD is normally
higher than VBAT at all times. The device will switch from VDD
to VBAT when VDD drops below VBAT, with about 50mV of
hysteresis to prevent any switchback of VDD after switchover.
In a system with a VDD = 5V and backup lithium battery of
VBAT = 3V, Low Power Mode can be used. However, it is not
recommended to use Low Power Mode in a system with VDD =
3.3V ±10%, VBAT  3.0V, and when there is a finite I-R voltage
drop in the VDD line.
InterSeal™ and ReSeal™ Battery Saver
The ISL12008 has the InterSeal Battery Saver, which prevents
initial battery current drain before it is first used. For example,
battery-backed RTCs are commonly packaged on a board with
a battery connected. In order to preserve battery life, the
ISL12008 will not draw any power from the battery source until
after the device is first powered up from the VDD source.
Thereafter, the device will switchover to battery backup mode
whenever VDD power is lost.
The ISL12008 has the ReSeal function, which allows the
device to enter into the InterSeal Battery Saver mode after
manufacture testing for board functionality. To use the ReSeal
function, simply set RESEAL bit to “1” (address 0Bh) after the
testing is completed. It will enable the InterSeal Battery Saver
mode and prevents battery current drain before it is first used.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation of
sub-second, second, minute, hour, day of week, date, month,
and year. The RTC has leap-year correction, and corrects for
months having fewer than 31 days. The RTC hours is in 24-
hour format only. When the ISL12008 powers up after the loss
of both VDD and VBAT, the RTC will not begin incrementing
until at least one byte is written to the RTC registers. The sub-
second register will increment after power up but it will not
casue the other RTC registers to incremnent until at least one
byte is written to the RTC registers.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time base for
the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of the
crystal is a function of the turnover temperature of the crystal
from the crystal’s nominal frequency. For example, a ~20ppm
frequency deviation translates into an accuracy of ~1 minute
per month. These parameters are available from the crystal
manufacturer. The ISL12008 provides on-chip crystal
compensation networks to adjust load capacitance to tune
oscillator frequency from -97.0695ppm to +206.139ppm. For
more detailed information. See “Application Section” on
page 16.
I2C Serial Interface
The ISL12008 has an I2C serial bus interface that provides
access to the control and status registers and the user SRAM.
The I2C serial interface is compatible with other industry I2C
serial bus protocols using a bidirectional data signal (SDA) and
a clock signal (SCL).
Oscillator Compensation
The ISL12008 provides the option of timing correction due to
temperature variation of the crystal oscillator for either
manufacturing calibration or active calibration. The total
possible compensation is typically -97.0695ppm to
+206.139ppm. Two compensation mechanisms that are
available are as follows:
1. An analog trimming (ATR) register that can be used to
adjust individual on-chip digital capacitors for oscillator
capacitance trimming. The individual digital capacitor is
selectable from a range of 4.5pF to 20.25pF (based upon
32.758kHz). This translates to a calculated compensation
of approximately -34ppm to +80ppm (see ATR description
on page 16).
2. A digital trimming register (DTR) that can be used to adjust
the timing counter by -63.0696ppm to +126.139ppm (see
DTR description on page 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com