Electronic Components Datasheet Search
  English  ▼

X  

FN6690 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 6Page - Renesas Technology Corp FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 10 of 19
Sep 26, 2008
Real Time Clock Registers
Addresses [00h to 06h, and 1Fh]
RTC REGISTERS (SC, MN, HR, DW, DT, MO, YR, SS)
These registers depict BCD representations of the time. As
such, SC (Seconds, address 00h) and MN (Minutes, address
01h) range from 0 to 59, HR (Hour, address 02h) is in 24-hour
mode with a range from 0 to 23, DW (Day of the Week,
address 03h) is 1 to 7, DT (Date, address 04h) is 1 to 31, MO
(Month, address 05h) is 1 to 12, YR (Year, address 06h) is 0 to
99, and SS (Sub-Seconds/Hundredths of Seconds, address
1Fh) is 0 to 99. The default for all the time keeping bits are set
to “0” at power up.
Bit D7 of SC register contain the crystal enable/disable bit (ST).
Setting ST to “1” will disable the crystal from oscillating and
stop the counting in RTC register. When the ST bit is set to “1”,
it will casue the OF bit to set to “1” due to no crystal oscillation
on the X1 pin. The ST bit is set to “0” on power-up for normal
operation.
Bit D7 of MN register contain the Oscillator Fail Indicator bit
(OF). This bit is set to a “1” when the X1 pin has no oscillation.
This bit can be reset when the X1 has crystal oscillation and a
write to “0”. This bit can only be written as “0” and not as a “1”.
The OF bit is set to “1” at power-up from a complete power
down (VDD and VBAT are removed). Address 9, bit 7 is also
used as the OF bit for DS1340 compatibility, and the two OF
bits are interchangable.
Bits D6 and D7 of HR register (century/hours register) contain
the century enable bit (CEB) and the century bit (CB). Setting
CEB to a '1' will cause CB to toggle, either from '0' to '1' or from
'1' to '0' at the turn of the century (depending upon its initial
state). If CEB is set to a '0', CB will not toggle.
The DW register provides a Day of the Week status and uses
three bits DW2 to DW0 to represent the seven days of the week.
The counter advances in the cycle 1-2-3-4-5-6-7-1-2-…
The assignment of a numerical value to a specific day of the
week is arbitrary and may be decided by the system software
designer.
TABLE 1. REGISTER MEMORY MAP
ADDR. SECTION
REG
NAME
BIT
REG
7
6
5
4
3
2
1
0
RTC
RANGE DEFAULT
00h
RTC
SC
ST
SC22
SC21
SC20
SC13
SC12
SC11
SC10
0 to 59
00h
01h
MN
OF
MN22
MN21
MN20
MN13
MN12
MN11
MN10
0 to 59
80h
02h
HR
CEB
CB
HR21
HR20
HR13
HR12
HR11
HR10
0 to 23
00h
03h
DW
00000
DW12
DW11
DW10
1 to 7
00h
04h
DT
0
0
DT21
DT20
DT13
DT12
DT11
DT10
1 to 31
00h
05h
MO
0
0
0
MO20
MO13
MO12
MO11
MO10
1 to 12
00h
06h
YR
YR23
YR22
YR21
YR20
YR13
YR12
YR11
YR10
0 to 99
00h
07h
Control
DTR
OUT
FT
DTR5
DTR4
DTR3
DTR2
DTR1
DTR0
N/A
80h
08h
INT
0
ALME
LPMODE
00000
N/A
00h
09h
OF
OF
0000000
N/A
80h
0Ah
ATR
BMATR1
BMATR0
ATR5
ATR4
ATR3
ATR2
ATR1
ATR0
N/A
00h
0Bh
Status
SR
ARST
XSTOP
RESEAL
0
0
ALM
BAT
RTCF
N/A
03h
0Ch
Alarm0
SCA
ESCA
ASC22
ASC21
ASC20
ASC13
ASC12
ASC11
ASC10
00 to 59
00h
0Dh
MNA
EMNA
AMN22
AMN21
AMN20
AMN13
AMN12
AMN11
AMN10
00 to 59
00h
0Eh
HRA
EHRA
0
AHR21
AHR20
AHR13
AHR12
AHR11
AHR10
0 to 23
00h
0Fh
DTA
EDTA
0
ADT21
ADT20
ADT13
ADT12
ADT11
ADT10
1 to 31
00h
10h
MOA
EMOA
0
0
AMO20
AMO13
AMO12
AMO11
AMO10
1 to 12
00h
11h
DWA
EDWA
0000
ADW12
ADW11
ADW10
1 to 7
00h
1Fh
(Read-
Only)
RTC
SS
SS23
SS22
SS21
SS20
SS13
SS12
SS11
SS10
0 to 99
00h
NOTE: 0 = must be set to‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com