Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 6 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 2Page - Analog Devices LTM4612 Datasheet HTML 3Page - Analog Devices LTM4612 Datasheet HTML 4Page - Analog Devices LTM4612 Datasheet HTML 5Page - Analog Devices LTM4612 Datasheet HTML 6Page - Analog Devices LTM4612 Datasheet HTML 7Page - Analog Devices LTM4612 Datasheet HTML 8Page - Analog Devices LTM4612 Datasheet HTML 9Page - Analog Devices LTM4612 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTM4612
6
4612fc
For more information www.linear.com/LTM4612
TYPICAL PERFORMANCE CHARACTERISTICS
Start-Up with 24VIN to 12VOUT at
IOUT = 5A, TA = –55°C
Short-Circuit with 24VIN to 12VOUT
at IOUT = 0A
Short-Circuit with 24VIN to 12VOUT
at IOUT = 5A
VIN to VOUT Step-Down Ratio
Input Ripple
Output Ripple
500µs/DIV
IIN
1A/DIV
VOUT
5V/DIV
4612 G10
SOFT-START CAPACITOR: 3.9nF
CIN = 3 × 10µF CERAMIC CAPACITORS AND
1
× 47µF OSCON CAPACITOR
50µs/DIV
IIN
0.2A/DIV
VOUT
5V/DIV
4612 G11
COUT = 2 × 22µF CERAMIC CAPACITORS AND
2
× 47µF CERAMIC CAPACITORS
20µs/DIV
IIN
2A/DIV
VOUT
5V/DIV
4612 G12
COUT = 2 × 22µF CERAMIC CAPACITORS AND
2
× 47µF CERAMIC CAPACITORS
3.3
24
30
18
12
6
10
4
8
12
14 15
6
0
36
4612 G13
SEE FREQUENCY ADJUSTMENT SECTION
FOR OPERATIONS OUTSIDE THIS REGION
OPERATING REGION
WITH DEFAULT FREQUENCY
VOUT (V)
1µs/DIV
50mV/DIV
4612 G14
VIN = 24V
VOUT = 12V AT 5A RESISTIVE LOAD
CIN = 3 × 10µF 50V CERAMIC 1 × 100µF BULK
1µs/DIV
10mV/DIV
4612 G15
VIN = 24V
VOUT = 12V AT 5A RESISTIVE LOAD
COUT = 2 × 22µF 16V CERAMIC AND
2
× 47µF 16V CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com