Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 20Page - Analog Devices LTM4612 Datasheet HTML 21Page - Analog Devices LTM4612 Datasheet HTML 22Page - Analog Devices LTM4612 Datasheet HTML 23Page - Analog Devices LTM4612 Datasheet HTML 24Page - Analog Devices LTM4612 Datasheet HTML 25Page - Analog Devices LTM4612 Datasheet HTML 26Page - Analog Devices LTM4612 Datasheet HTML 27Page - Analog Devices LTM4612 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM4612
28
4612fc
For more information www.linear.com/LTM4612
RELATED PARTS
PACKAGE PHOTOGRAPH
4612 F24
15mm
15mm
2.8mm
PART NUMBER
DESCRIPTION
COMMENTS
LTM4606
EN55022B Compliant 6A, DC/DC µModule
Regulator
EN55022B Compliant with PLL, Output Tracking and Margining,
LTM4612 Pin Compatible
LTM4613
EN55022B Compliant 36V, 8A, Step-Down µModule
Regulator with PLL, Output Tracking
5V ≤ VIN ≤ 36V, 3.3V ≤ VOUT ≤ 15V, 15mm × 15mm × 4.3mm LGA Package
LTM4601/LTM4601A 12A DC/DC µModule Regulator with PLL, Output
Tracking/Margining and Remote Sensing
Synchronizable, PolyPhase Operation, LTM4601-1/LTM4601A-1 Version Has
No Remote Sensing, LGA Package
LTM4604A
Low VIN 4A DC/DC µModule Regulator
2.375V ≤ VIN ≤ 5.5V, 0.8V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.3mm LGA Package
LTM4608A
Low VIN 8A DC/DC µModule Regulator
2.7V ≤ VIN ≤ 5.5V, 0.6V ≤ VOUT ≤ 5V, 9mm × 15mm × 2.8mm LGA Package
LTM8022/LTM8023
36VIN, 1A and 2A DC/DC µModule Regulator
Pin Compatible, 4.5V ≤ VIN ≤ 36V; 9mm × 11.25mm × 2.8mm LGA Package
LTM4627
20VIN, 15A DC/DC Step-Down µModule Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5V, 15mm × 15mm × 4.3mm LGA Package
LTM4618
26VIN, 6A DC/DC Step-Down µModule Regulator
with PLL, Output Tracking
4.5V ≤ VIN ≤ 26.5V, 0.8V ≤ VOUT ≤ 5V, Synchronizable,
9mm × 15mm × 4.3mm LGA Package
LTM8033
EN55022B Compliant 36VIN, 3A DC/DC Step-Down
µModule Regulator
3.6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 24V, Synchronizable,
11.25mm × 15mm × 4.3mm LGA Package
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
LINEAR TECHNOLOGY CORPORATION 2008
LT 0916 REV C • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com