Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 18Page - Analog Devices LTM4612 Datasheet HTML 19Page - Analog Devices LTM4612 Datasheet HTML 20Page - Analog Devices LTM4612 Datasheet HTML 21Page - Analog Devices LTM4612 Datasheet HTML 22Page - Analog Devices LTM4612 Datasheet HTML 23Page - Analog Devices LTM4612 Datasheet HTML 24Page - Analog Devices LTM4612 Datasheet HTML 25Page - Analog Devices LTM4612 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM4612
22
4612fc
For more information www.linear.com/LTM4612
Figure 21. 2-Phase, Parallel 12V at 10A Design
Figure 20. 26V to 36VIN, 15V at 4A Design with Reduced Frequency
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
PULL-UP SUPPLY ≤ 5V
R3
100k
C4
0.01µF
C3
22pF
COUT1
22µF
16V
COUT2
220µF
16V
CIN
10µF
50V
CERAMIC
VIN
26V TO 36V
CLOCK SYNC
ON/OFF
LTM4612
SGND
PGND
MARGIN
CONTROL
R4
100k
RFB
4.12k
RfSET
806k, 1%
R1
392k
5% MARGIN
+
4612 F20
VD
VIN
PLLIN
C1
10µF
50V
VOUT
15V
4A
APPLICATIONS INFORMATION
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
VOUT
VFB
FCB
MARG0
MARG1
MPGM
PULL-UP SUPPLY ≤ 5V
R2
100k
C7
0.33µF
C6
47pF
C3
22µF
16V
4612 F21
C4
220µF
16V
C11
0.1µF
C5
100µF
50V
C2
10µF
50V
C8
10µF
50V
VIN
20V TO 36V
LTC6908-1
2-PHASE
OSCILLATOR
CLOCK SYNC
0° PHASE
CLOCK SYNC
180° PHASE
LTM4612
SGND
PGND
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
LTM4612
SGND
PGND
MARGIN
CONTROL
5% MARGIN
R4
100k
RFB
2.61k
R1
392k
R5
124k
V+
GND
SET
OUT1
OUT2
MOD
+
VOUT
VFB
FCB
MARG0
MARG1
MPGM
C9
22µF
16V
C10
220µF
16V
R6
392k
+
+
RFB =
100k/N
VOUT
0.6V
– 1
VD
VIN
PLLIN
C1
10µF
50V
VD
VIN
PLLIN
C11
10µF
50V
VOUT
12V, 10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com