Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 12Page - Analog Devices LTM4612 Datasheet HTML 13Page - Analog Devices LTM4612 Datasheet HTML 14Page - Analog Devices LTM4612 Datasheet HTML 15Page - Analog Devices LTM4612 Datasheet HTML 16Page - Analog Devices LTM4612 Datasheet HTML 17Page - Analog Devices LTM4612 Datasheet HTML 18Page - Analog Devices LTM4612 Datasheet HTML 19Page - Analog Devices LTM4612 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTM4612
16
4612fc
For more information www.linear.com/LTM4612
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since R2 is equal to the 100k top
feedback resistor of the slave regulator in equal slew rate
or coincident tracking, then R1 is equal to RFB with VFB =
VTRACK. Therefore R2 = 100k, and R1 = 5.23k in Figure 6.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. R2 can be solved for when SR is
slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach it final value before the master output.
For example, MR = 1.5V/1ms, and SR = 1.2V/1ms. Then
R2 = 125k. Solve for R1 to equal to 5.18k.
Each of the TRACK pins will have the 1.5µA current source
on when a resistive divider is used to implement tracking
on that specific channel. This will impose an offset on the
TRACK pin input. Smaller values resistors with the same
ratios as the resistor values calculated from the above
equation can be used. For example, where the 100k is
used then a 10k can be used to reduce the TRACK pin
offset to a negligible value.
RUN Enable
The RUN pin is used to enable the power module. The
pin has an internal 5.1V Zener to ground. The pin can be
driven with 5V logic levels.
The RUN pin can also be used as an undervoltage lockout
(UVLO) function by connecting a resistor divider from
the input supply to the RUN pin. The equation for UVLO
threshold:
VUVLO =
RA +RB
RB
• 1.5V
where RA is the top resistor, and RB is the bottom resistor.
Power Good
The PGOOD pin is an open-drain pin that can be used to
monitor valid output voltage regulation. This pin monitors
a ±10% window around the regulation point, and tracks
with margining.
COMP Pin
The pin is the external compensation pin. The module has
already been internally compensated for most output volt-
ages. LTpowerCAD™ from Linear Technology is available
for more control loop optimization.
FCB Pin
The FCB pin determines whether the bottom MOSFET re-
mains on when current reverses in the inductor. Tying this
pinaboveits0.6Vthresholdenablesdiscontinuousoperation
where the bottom MOSFET turns off when inductor current
reverses. FCB pin below the 0.6V threshold forces continu-
ous synchronous operation, allowing current to reverse
at light loads and maintaining high frequency operation.
PLLIN Pin
The power module has a phase-locked loop comprised
of an internal voltage controlled oscillator and a phase
detector. This allows the internal top MOSFET turn-on
to be locked to the rising edge of the external clock.
The frequency range is ±30% around the set operating
frequency. A pulse detection circuit is used to detect a
clock on the PLLIN pin to turn on the phase-locked loop.
The pulse width of the clock has to be at least 400ns. The
clock high level must be greater than 1.7V and clock low
level below 0.3V. During the start-up of the regulator, the
phase-locked loop function is disabled.
INTVCC and DRVCC Connection
An internal low dropout regulator produces an internal
5V supply that powers the control circuitry and DRVCC
for driving the internal power MOSFETs. Therefore, if
the system does not have a 5V power rail, the LTM4612
can be directly powered by VIN. The gate driver current
through the LDO is about 20mA. The internal LDO power
dissipation can be calculated as:
PLDO_LOSS = 20mA • (VIN – 5V)
TheLTM4612alsoprovidestheexternalgatedrivervoltage
pin DRVCC. If there is a 5V rail in the system, it is recom-
mended to connect the DRVCC pin to the external 5V rail.
This is especially true for higher input voltages. Do not
apply more than 6V to the DRVCC pin.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com