Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 1 Page - Analog Devices

  LTM4612 Datasheet HTML 1Page - Analog Devices LTM4612 Datasheet HTML 2Page - Analog Devices LTM4612 Datasheet HTML 3Page - Analog Devices LTM4612 Datasheet HTML 4Page - Analog Devices LTM4612 Datasheet HTML 5Page - Analog Devices LTM4612 Datasheet HTML 6Page - Analog Devices LTM4612 Datasheet HTML 7Page - Analog Devices LTM4612 Datasheet HTML 8Page - Analog Devices LTM4612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4612
1
4612fc
For more information www.linear.com/LTM4612
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
EN55022B Compliant
36VIN, 15VOUT, 5A,
DC/DC µModule Regulator
The LTM®4612 is a EN55022 Class B certified high voltage
inputandoutput,5AswitchingmodeDC/DCpowersupply.
Includedinthepackagearetheswitchingcontroller,power
FETs, inductor and all support components. Operating
over an input voltage range of 5V to 36V, the LTM4612
supports an output voltage range of 3.3V to 15V, set by a
single resistor. Only bulk input and output capacitors are
needed to finish the design.
High switching frequency and an adaptive on-time current
mode architecture enables a very fast transient response
to line and load changes without sacrificing stability.
The onboard input filter and noise cancellation circuits
achieve low noise coupling, thus effectively reducing the
electromagnetic interference (EMI)—see Figures 4 and 8.
Furthermore, the DC/DC µModule® regulator can be syn-
chronized with an external clock to reduce undesirable
frequency harmonics and allow PolyPhase® operation for
high load currents.
The LTM4612 is offered in a space saving and thermally
enhanced 15mm × 15mm × 2.8mm LGA package, which
enables utilization of unused space on the bottom of PC
boards for high density point-of-load regulation. The
LTM4612 is Pb-free and RoHS compliant.
L
, LT, LTC, LTM, Linear Technology, the Linear logo, PolyPhase and µModule are registered
trademarks and LTpowerCAD is a trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
5V/5A Ultralow Noise µModule with 7V to 36V Input
n
Complete Low EMI Switch Mode Power Supply
n
EN55022 Class B Compliant
n
Wide Input Voltage Range: 5V to 36V
n
3.3V to 15V Output Voltage Range
n
5A DC, 7A Peak Output Current
n
Low Input and Output Referred Noise
n
Output Voltage Tracking and Margining
n
Power Good Tracks with Margining
n
PLL Frequency Synchronization
n
±1.5% Set Point Accuracy
n
Current Foldback Protection (Disabled at Start-Up)
n
Parallel/Current Sharing
n
Ultrafast Transient Response
n
Current Mode Control
n
Programmable Soft-Start
n
Output Overvoltage Protection
n
–55°C to 125°C Operating Temperature Range
(LTM4612MPV)
n
Small Surface Mount Footprint, Low Profile
(15mm × 15mm × 2.8mm) LGA Package
n
Telecom and Networking Equipment
n
Industrial and Avionic Equipment
n
RF Systems
Radiated Emission Scan at 24VIN, 5VOUT/5A
FREQUENCY (MHz)
30
30
70
128.1
226.2
324.3
10
60
20
0
–10
50
40
422.4
520.5
618.6
716.7
814.8
912.9
1010
EN55022 CLASS B LIMIT
4612 TA01b
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
VIN
0.01µF
10µF
100pF
COUT
VOUT
5V
5A
CIN
VIN
7V
TO 36V
PLLIN
CLOCK SYNC
LTM4612
SGND
VD
PGND
MARGIN
CONTROL
100k
2M
13.7k
392k
5% MARGIN
4612 TA01


Similar Part No. - LTM4612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4612 LINER-LTM4612 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4612 LINER-LTM4612 Datasheet
347Kb / 20P
3.1VIN to 32VIN Isolated 關Module DC/DC Converter
LTM4612 LINER-LTM4612 Datasheet
2Mb / 38P
40A 關Module Regulator with Overvoltage/ Overtemperature Protection
LTM4612 LINER-LTM4612 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
More results

Similar Description - LTM4612

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612 Datasheet
369Kb / 24P
Ultralow Noise 36VIN, 15VOUT, 5A, DC/DC 關Module
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4653 LINER-LTM4653 Datasheet
1Mb / 32P
EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
logo
Analog Devices
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
LTM4638 AD-LTM4638 Datasheet
2Mb / 30P
20VIN, 15A Step-Down DC/DC μModule Regulator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com