Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 12 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 8Page - Analog Devices LTM4612 Datasheet HTML 9Page - Analog Devices LTM4612 Datasheet HTML 10Page - Analog Devices LTM4612 Datasheet HTML 11Page - Analog Devices LTM4612 Datasheet HTML 12Page - Analog Devices LTM4612 Datasheet HTML 13Page - Analog Devices LTM4612 Datasheet HTML 14Page - Analog Devices LTM4612 Datasheet HTML 15Page - Analog Devices LTM4612 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LTM4612
12
4612fc
For more information www.linear.com/LTM4612
APPLICATIONS INFORMATION
Operating Frequency
The operating frequency of the LTM4612 is optimized to
achieve the compact package size and the minimum
output ripple voltage while still providing high efficiency.
As shown in Figure 2, the frequency is linearly increased
with larger output voltages to keep the low output cur-
rent ripple. Figure 3 shows the inductor current ripple DI
with different output voltages. In most applications, no
additional frequency adjusting is required.
If lower output ripple is required, the operating frequency
f can be increased by adding a resistor RfSET between fSET
pin and SGND, as shown in Figure 19.
f =
VOUT
1.5 • 10−10 RfSET || 93.1k
(
)
Figure 2. Operating Frequency vs Output Voltage
Figure 3. Inductor Current Ripple vs Output Voltage
VOUT (V)
2
600
800
1200
8
12
4612 F02
400
4
6
10
14
16
200
1000
2
2.5
3.0
2.0
1.5
6
10
4
8
12
14
16
1.0
0.5
3.5
4612 F03
VIN = 36V
VIN = 28V
VIN = 20V
VOUT (V)
For output voltages more than 12V, the frequency can be
higherthan1MHz,thusreducingtheefficiencysignificantly.
Additionally, the 500ns minimum off time (400ns + 100ns
for margin) normally limits the operation when the input
voltage is close to the output voltage. Therefore, it is rec-
ommended to lower the frequency in these conditions by
connecting a resistor (RfSET) from the fSET pin to VIN, as
shown in Figure 20.
f =
VOUT
5 • 10−11
3 • RfSET • 93.1k
RfSET − 2 • 93.1k
⎛
⎝
⎜
⎞
⎠
⎟
Theloadcurrentcanaffectthefrequencyduetoitsconstant
on-time control. If constant frequency is a necessity, the
PLLIN pin can be used to synchronize the frequency of
the LTM4612 to an external clock, as shown in Figures
21 to 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com