Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 27 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 20Page - Analog Devices LTM4612 Datasheet HTML 21Page - Analog Devices LTM4612 Datasheet HTML 22Page - Analog Devices LTM4612 Datasheet HTML 23Page - Analog Devices LTM4612 Datasheet HTML 24Page - Analog Devices LTM4612 Datasheet HTML 25Page - Analog Devices LTM4612 Datasheet HTML 26Page - Analog Devices LTM4612 Datasheet HTML 27Page - Analog Devices LTM4612 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
LTM4612
27
4612fc
For more information www.linear.com/LTM4612
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
03/10
Changes to Title and Description
Changes to Absolute Maximum Ratings
Changes to Electrical Characteristics
Text Changes to Operation Section
Text Changes to Applications Information Section
Changes to Figures 18, 19, 20, 21, 22
Changes to Related Parts
1
1
2, 3
10
12, 14
19, 20, 21, 22
26
B
05/11
Changes to the Title, Description, Features and Typical Application sections.
Changes to “The l denotes...” statement and Note 2.
Changes to the Pin Functions.
Changes to the Block Diagram.
Text changes to the Operation section.
Text changes to the Applications Information section.
Changes to Figures 17, 19, 21, 22.
Changes to the Related Parts.
1
2, 3, 4
7, 8
9
10
10–20
20, 21, 22, 23
28
C
09/16
Changed Max value of VINTVCC from 5.3V to 5.5V
3
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com