Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 7Page - Analog Devices LTM4612 Datasheet HTML 8Page - Analog Devices LTM4612 Datasheet HTML 9Page - Analog Devices LTM4612 Datasheet HTML 10Page - Analog Devices LTM4612 Datasheet HTML 11Page - Analog Devices LTM4612 Datasheet HTML 12Page - Analog Devices LTM4612 Datasheet HTML 13Page - Analog Devices LTM4612 Datasheet HTML 14Page - Analog Devices LTM4612 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTM4612
11
4612fc
For more information www.linear.com/LTM4612
APPLICATIONS INFORMATION
Output Voltage Programming and Margining
ThePWMcontrollerhasaninternal0.6Vreferencevoltage.
As shown in the Block Diagram, a 100k internal feedback
resistor connects the VOUT and VFB pins together. Adding a
resistor, RFB, from the VFB pin to the SGND pin programs
the output voltage.
VOUT = 0.6V •
100k +RFB
RFB
or equivalently,
RFB =
100k
VOUT
0.6V
− 1
Table 1. RFB Standard 1% Resistor Values vs VOUT
VOUT (V)
3.3
5
6
8
10
12
14
15
RFB (kW) 22.1 13.7
11
8.06
6.34
5.23
4.42
4.12
The MPGM pin programs a current that when multiplied
by an internal 10k resistor sets up the 0.6V reference ±
offset for margining. A 1.18V reference divided by the
Table 2. Output Voltage Response vs Component Matrix (Refer to Figure 20)
TYPICAL MEASURED VALUES
VENDORS
PART NUMBER
VENDORS
PART NUMBER
Murata
GRM32ER61C476KEI5L (47µF, 16V)
Murata
GRM32ER71H106K (10µF, 50V)
Murata
GRM32ER61C226KE20L (22µF, 16V)
TDK
C3225X5RIC226M (22µF, 16V)
VOUT
(V)
CIN
(CERAMIC)
CIN
(BULK)
COUT1
(CERAMIC)
COUT2
(BULK)
VIN
(V)
DROOP
(mV)
PEAK-TO-
PEAK (mV)
RECOVERY
TIME (µs)
LOAD STEP
(A/µs)
RFB
(kΩ)
5
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
12
86
156
26
3
13.7
5
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
12
86
178
14.8
3
13.7
5
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
24
83
166
27
3
13.7
5
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
24
86
169
14.8
3
13.7
5
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
36
86
178
25
3
13.7
5
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
36
86
172
15.2
3
13.7
10
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
24
111
209
30
3
6.34
10
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
24
171
325
35
3
6.34
10
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
36
108
197
35
3
6.34
10
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
36
153
288
39
3
6.34
12
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
24
153
281
37
3
5.23
12
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
36
184
375
34.4
3
5.23
15
2 × 10µF 50V
100µF 50V
2 × 22µF 16V
150µF 25V
28
178
338
70
3
4.12
15
2 × 10µF 50V
100µF 50V
4 × 47µF 16V
None
36
134
250
70
3
4.12
RPGM resistor on the MPGM pin programs the current.
Calculate VOUT(MARGIN):
VOUT(MARGIN) =
%VOUT
100
• VOUT
Where %VOUT is the percentage of VOUT to be margined,
and VOUT(MARGIN) is the margin quantity in volts:
RPGM =
VOUT
0.6V
•
1.18V
VOUT(MARGIN)
• 10k
Where RPGM is the resistor value to place on the MPGM
pin to ground.
The output margining will be ± margining of the value.
This is controlled by the MARG0 and MARG1 pins. See
the truth table below:
MARG1
MARG0
MODE
LOW
LOW
NO MARGIN
LOW
HIGH
MARGIN UP
HIGH
LOW
MARGIN DOWN
HIGH
HIGH
NO MARGIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com