Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 3 Page - Analog Devices

  LTM4612 Datasheet HTML 1Page - Analog Devices LTM4612 Datasheet HTML 2Page - Analog Devices LTM4612 Datasheet HTML 3Page - Analog Devices LTM4612 Datasheet HTML 4Page - Analog Devices LTM4612 Datasheet HTML 5Page - Analog Devices LTM4612 Datasheet HTML 6Page - Analog Devices LTM4612 Datasheet HTML 7Page - Analog Devices LTM4612 Datasheet HTML 8Page - Analog Devices LTM4612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTM4612
3
4612fc
For more information www.linear.com/LTM4612
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range, otherwise specifications are at TA = 25°C, VIN = 24V, unless otherwise noted (Note 2). Per Typical
Application (front page) configuration.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ(VIN)
Input Supply Bias Current
VIN = 36V, VOUT = 12V, Switching Continuous
VIN = 24V, VOUT = 12V, Switching Continuous
Shutdown, RUN = 0, VIN = 36V
57
48
50
mA
mA
µA
IS(VIN)
Input Supply Current
VIN = 36V, VOUT = 12V, IOUT = 5A
VIN = 24V, VOUT = 12V, IOUT = 5A
1.85
2.72
A
A
VINTVCC
Internal VCC Voltage
VIN = 36V, RUN > 2V, IOUT = 0A
4.7
5
5.5
V
Output Specifications
IOUT(DC)
Output Continuous Current Range
VIN = 24V, VOUT = 12V (Note 4)
0
5
A
DVOUT(LINE)
VOUT
Line Regulation Accuracy
VOUT = 12V, FCB = 0V, VIN = 22V to 36V,
IOUT = 0A
l
0.05
0.3
%
DVOUT(LOAD)
VOUT
Load Regulation Accuracy
VOUT = 12V, FCB = 0V, IOUT = 0A to 5A (Note 4)
VIN = 36V
VIN = 24V
l
l
0.3
0.3
0.6
0.6
%
%
VIN(AC)
Input Ripple Voltage
IOUT = 0A,
CIN = 2 × 10µF X5R Ceramic and 1 × 100µF
Electrolytic, 1 × 10µF X5R Ceramic on VD Pins
VIN = 24V, VOUT = 5V
VIN = 24V, VOUT = 12V
7.2
3.4
mVP-P
mVP-P
VOUT(AC)
Output Ripple Voltage
IOUT = 0A,
COUT = 2 × 22µF, 2 × 47µF X5R Ceramic
VIN = 24V, VOUT = 5V
VIN = 24V, VOUT = 12V
17.5
12.5
mVP-P
mVP-P
fS
Output Ripple Voltage Frequency
IOUT = 1A, VIN = 24V, VOUT = 12V
940
kHz
DVOUT(START)
Turn-On Overshoot,
TRACK/SS = 10nF
COUT = 200µF, VOUT = 12V, IOUT = 0A
VIN = 36V
VIN = 24V
20
20
mV
mV
tSTART
Turn-On Time, TRACK/SS = Open
COUT = 300µF, VOUT = 12V, IOUT = 1A
Resistive Load
VIN = 36V
VIN = 24V
0.5
0.5
ms
ms
DVOUT(LS)
Peak Deviation for Dynamic Load
Load: 0% to 50% to 0% of Full Load
COUT = 2 × 22µF Ceramic, 150µF Bulk
VIN = 24V, VOUT = 12V
153
mV
tSETTLE
Settling Time for Dynamic Load Step Load: 0% to 50% to 0% of Full Load, VIN = 24V
37
µs
IOUT(PK)
Output Current Limit
COUT = 200µF
VIN = 36V, VOUT = 12V
VIN = 24V, VOUT = 12V
9
9
A
A
Control Section
VFB
Voltage at VFB Pin
IOUT = 0A, VOUT = 12V
l
0.591
0.6
0.609
V
VRUN
RUN Pin On/Off Threshold
1
1.5
1.9
V
ISS/TRACK
Soft-Start Charging Current
VSS/TRACK = 0V
–1
–1.5
–2
µA
VFCB
Forced Continuous Threshold
0.57
0.6
0.63
V
IFCB
Forced Continuous Pin Current
VFCB = 0V
–1
–2
µA
tON(MIN)
Minimum On-Time
(Note 3)
50
100
ns
tOFF(MIN)
Minimum Off-Time
(Note 3)
250
400
ns
RPLLIN
PLLIN Input Resistor
50
kW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com