Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 2 Page - Analog Devices

  LTM4612 Datasheet HTML 1Page - Analog Devices LTM4612 Datasheet HTML 2Page - Analog Devices LTM4612 Datasheet HTML 3Page - Analog Devices LTM4612 Datasheet HTML 4Page - Analog Devices LTM4612 Datasheet HTML 5Page - Analog Devices LTM4612 Datasheet HTML 6Page - Analog Devices LTM4612 Datasheet HTML 7Page - Analog Devices LTM4612 Datasheet HTML 8Page - Analog Devices LTM4612 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM4612
2
4612fc
For more information www.linear.com/LTM4612
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
INTVCC, DRVCC............................................. –0.3V to 6V
VOUT........................................................... –0.3V to 16V
PLLIN, FCB, TRACK/SS, MPGM, MARG0,
MARG1, PGOOD ....................–0.3V to INTVCC + 0.3V
RUN .............................................................–0.3V to 5V
VFB, COMP................................................ –0.3V to 2.7V
VIN, VD.......................................................–0.3V to 36V
Internal Operating Temperature Range (Note 2)
E and I Grades ................................... –40°C to 125°C
MP Grade........................................... –55°C to 125°C
Junction Temperature ........................................... 125°C
Storage Temperature Range .................. –55°C to 125°C
(Note 1)
MARG1
DRVCC
VFB
PGOOD
SGND
NC
NC
NC
FCB
VIN
BANK 1
VD
PGND
BANK 2
VOUT
BANK 3
fSET
MARG0
LGA PACKAGE
133-LEAD (15mm × 15mm × 2.8mm)
TOP VIEW
SGND
12
2
1
4
3
5 6
9
8
10 11
7
A
B
C
D
E
F
G
H
J
K
L
M
TJMAX = 125°C, θJA = 15°C/W, θJC = 6°C/W
θJA DERIVED FROM 95mm × 76mm PCB WITH 4 LAYERS
WEIGHT = 1.7g
ORDER INFORMATION
LEAD FREE FINISH
TRAY
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM4612EV#PBF
LTM4612EV#PBF
LTM4612V
133-Lead (15mm × 15mm × 2.8mm) LGA
–40°C to 125°C
LTM4612IV#PBF
LTM4612IV#PBF
LTM4612V
133-Lead (15mm × 15mm × 2.8mm) LGA
–40°C to 125°C
LTM4612MPV#PBF
LTM4612MPV#PBF
LTM4612MPV
133-Lead (15mm × 15mm × 2.8mm) LGA
–55°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(DC)
Input DC Voltage
l
5
36
V
VOUT(DC)
Output Voltage
CIN = 10µF × 3, COUT = 300µF; FCB = 0
VIN = 24V, VOUT = 12V, IOUT = 0A
VIN = 36V, VOUT=12V, IOUT = 0A
l
l
11.83
11.83
12.07
12.07
12.31
12.31
V
V
Input Specifications
VIN(UVLO)
Undervoltage Lockout Threshold
IOUT = 0A
3.2
4.8
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
IOUT = 0A; CIN = 10µF × 2, COUT = 200µF;
VOUT = 12V
VIN = 24V
VIN = 36V
0.6
0.7
A
A
The l denotes the specifications which apply over the specified internal
operating temperature range, otherwise specifications are at TA = 25°C, VIN = 24V, unless otherwise noted (Note 2). Per Typical
Application (front page) configuration.
http://www.linear.com/product/LTM4612#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com