Electronic Components Datasheet Search
  English  ▼

X  

LTM4612 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM4612
Description  EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC μModule Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4612 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM4612 Datasheet HTML 17Page - Analog Devices LTM4612 Datasheet HTML 18Page - Analog Devices LTM4612 Datasheet HTML 19Page - Analog Devices LTM4612 Datasheet HTML 20Page - Analog Devices LTM4612 Datasheet HTML 21Page - Analog Devices LTM4612 Datasheet HTML 22Page - Analog Devices LTM4612 Datasheet HTML 23Page - Analog Devices LTM4612 Datasheet HTML 24Page - Analog Devices LTM4612 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTM4612
21
4612fc
For more information www.linear.com/LTM4612
APPLICATIONS INFORMATION
Figure 19. Typical 5V to 36VIN, 3.3V at 5A Design with 400kHz Frequency
Figure 18. Typical 22V to 36VIN, 12V at 5A Design
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
PULL-UP SUPPLY ≤ 5V
R3
100k
C4
0.01µF
C3
22pF
COUT1
22µF
6.3V
COUT2
220µF
6.3V
CIN
10µF
50V CERAMIC
VIN
5V TO 36V
CLOCK SYNC
REFER TO TABLE 2
EXTERNAL 5V SUPPLY
IMPROVES EFFICIENCY—
ESPECIALLY FOR HIGH
INPUT VOLTAGES
ON/OFF
LTM4612
SGND
PGND
MARGIN
CONTROL
R4
100k
RfSET
191k
1%
RFB
22.1k
R1
392k
5% MARGIN
+
4612 F19
VD
VIN
PLLIN
C1
10µF
50V
VOUT
3.3V
5A
PGOOD
RUN
COMP
INTVCC
DRVCC
fSET
TRACK/SS
FCB
MARG0
MARG1
MPGM
VOUT
VFB
PULL-UP SUPPLY ≤ 5V
R3
100k
C4
0.01µF
C3
22pF
COUT1
22µF
16V
COUT2
220µF
16V
CIN
10µF
50V CERAMIC
VIN
22V TO 36V
CLOCK SYNC
REFER TO TABLE 2
ON/OFF
LTM4612
SGND
PGND
MARGIN
CONTROL
R4
100k
RFB
5.23k
R1
392k
5% MARGIN
+
4612 F18
VD
VIN
PLLIN
C1
10µF
50V
R5
2M
VOUT
12V
5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com