| Electronic Components Datasheet Search |
|
LS1020A Datasheet(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LS1020A Datasheet(HTML) 24 Page - NXP Semiconductors |
|
24 / 201 page ![]() Table 1. Pinout list by bus (continued) Signal Signal description Package pin number Pin type Power supply Notes SDHC_DAT5/GPIO4_24/ SDHC_CMD_DIR Data H1 IO DVDD --- SDHC_DAT6/GPIO4_25/ USB1_DRVVBUS/ SDHC_DAT0_DIR Data J2 IO DVDD --- SDHC_DAT7/GPIO4_26/ USB1_PWRFAULT/ SDHC_DAT123_DIR Data J1 IO DVDD --- SDHC_VS/ IRQ4/GPIO1_24 VS L2 O DVDD 1 Power-On-Reset Configuration cfg_dram_type/ IFC_A21/ QSPI_CK_B Power-On-Reset Configuration Signal D10 I BVDD 1, 4 cfg_eng_use0/ IFC_WE0_B Power-On-Reset Configuration Signal F14 I BVDD 1 cfg_gpinput0/ IFC_AD00 Power-On-Reset Configuration Signal A7 I BVDD 1, 4 cfg_gpinput1/ IFC_AD01 Power-On-Reset Configuration Signal B8 I BVDD 1, 4 cfg_gpinput2/ IFC_AD02 Power-On-Reset Configuration Signal A8 I BVDD 1, 4 cfg_gpinput3/ IFC_AD03 Power-On-Reset Configuration Signal B9 I BVDD 1, 4 cfg_gpinput4/ IFC_AD04 Power-On-Reset Configuration Signal A9 I BVDD 1, 4 cfg_gpinput5/ IFC_AD05 Power-On-Reset Configuration Signal A10 I BVDD 1, 4 cfg_gpinput6/ IFC_AD06 Power-On-Reset Configuration Signal B11 I BVDD 1, 4 cfg_gpinput7/ IFC_AD07 Power-On-Reset Configuration Signal A11 I BVDD 1, 4 cfg_ifc_te/ IFC_TE Power-On-Reset Configuration Signal D14 I BVDD 1, 4 cfg_rcw_src0/ IFC_AD08/ SPI1_PCS1 Power-On-Reset Configuration Signal B12 I BVDD 1, 4 cfg_rcw_src1/ IFC_AD09/ SPI1_PCS2 Power-On-Reset Configuration Signal A12 I BVDD 1, 4 cfg_rcw_src2/ IFC_AD10/ SPI1_PCS3 Power-On-Reset Configuration Signal A13 I BVDD 1, 4 cfg_rcw_src3/ IFC_AD11/ SPI1_PCS4 Power-On-Reset Configuration Signal B14 I BVDD 1, 4 cfg_rcw_src4/ IFC_AD12/ SPI1_PCS5 Power-On-Reset Configuration Signal A14 I BVDD 1, 4 cfg_rcw_src5/ IFC_AD13/ SPI1_SOUT Power-On-Reset Configuration Signal B15 I BVDD 1, 4 Table continues on the next page... LS1020A Ball Map and Pin List QorIQ LS1020A Data Sheet, Rev. 6, 09/2017 24 NXP Semiconductors |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |