Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 42Page - NXP Semiconductors LS1020A Datasheet HTML 43Page - NXP Semiconductors LS1020A Datasheet HTML 44Page - NXP Semiconductors LS1020A Datasheet HTML 45Page - NXP Semiconductors LS1020A Datasheet HTML 46Page - NXP Semiconductors LS1020A Datasheet HTML 47Page - NXP Semiconductors LS1020A Datasheet HTML 48Page - NXP Semiconductors LS1020A Datasheet HTML 49Page - NXP Semiconductors LS1020A Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 201 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
NC_F19
No Connection
F19
---
---
12
NC_G18
No Connection
G18
---
---
12
NC_H19
No Connection
H19
---
---
12
NC_J17
No Connection
J17
---
---
12
NC_L6
No Connection
L6
---
---
12
NC_M6
No Connection
M6
---
---
12
NC_U16
No Connection
U16
---
---
12
NC_V7
No Connection
V7
---
---
12
NC_V16
No Connection
V16
---
---
12
NC_W16
No Connection
W16
---
---
12
NC_W17
No Connection
W17
---
---
12
NC_DET
No Connection
AB23
---
---
12
Reserved Pins
SPARE1
---
G14
---
---
12
SPARE2
---
F13
---
---
12
1. Functionally, this pin is an output or an input, but structurally it is an I / O because it
either sample configuration input during reset, is a muxed pin, or has other manufacturing
test functions. This pin will therefore be described as an I / O for boundary scan.
2. This output is actively driven during reset rather than being tri-stated during reset.
3. MDIC[0] is grounded through an 162Ω precision 1% resistor and MDIC[1] is
connected to GVDD through an 162Ω precision 1% resistor. For either full or half driver
strength calibration of DDR IOs, use the same MDIC resistor value of 162Ω. Memory
controller register setting can be used to determine automatic calibration is done to full or
half drive strength. These pins are used for automatic calibration of the DDR3L/DDR4
IOs. The MDIC[0:1] pins must be connected to 162Ω precision 1% resistors.
4. This pin is a reset configuration pin. It has a weak (~20 kΩ) internal pull-up P-FET that
is enabled only when the processor is in its reset state. The internal pull-up resistor value
for applicable IFC pins is ~33kΩ. This pull-up is designed such that it can be
overpowered by an external 4.7 kΩ resistor. However, if the signal is intended to be high
after reset, and if there is any device on the net that might pull down the value of the net
at reset, a pull-up or active driver is needed.
LS1020A Ball Map and Pin List
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com