Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 65Page - NXP Semiconductors LS1020A Datasheet HTML 66Page - NXP Semiconductors LS1020A Datasheet HTML 67Page - NXP Semiconductors LS1020A Datasheet HTML 68Page - NXP Semiconductors LS1020A Datasheet HTML 69Page - NXP Semiconductors LS1020A Datasheet HTML 70Page - NXP Semiconductors LS1020A Datasheet HTML 71Page - NXP Semiconductors LS1020A Datasheet HTML 72Page - NXP Semiconductors LS1020A Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 201 page
background image
3.7.6 Differential system clock (DIFF_SYSCLK/DIFF_SYSCLK_B)
timing specifications
Single-source clocking mode requires the single onboard oscillator to provide reference
clock input to the differential system clock pair, DIFF_SYSCLK/DIFF_SYSCLK_B.
This differential clock pair input provides clocking to the core, platform, DDR, and USB
PLLs. The following figure shows a receiver reference diagram of the differential system
clock.
100 Ω
DIFF_SYSCLK
DIFF_SYSCLK_B
LVDS
RX
Figure 10. LVDS receiver
This section provides the differential system clock DC electrical characteristics and AC
timing specifications.
3.7.6.1 Differential system clock DC electrical characteristics
The differential system clock receiver's core power supply voltage requirements (O1VDD)
are specified in Recommended operating conditions.
The differential system clock can also be single-ended. For this, DIFF_SYSCLK_B
should be connected to O1VDD/2.
Table 22. Differential system clock DC electrical characteristics
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input differential
voltage swing
Vid
100
—
600
mV
3
Input common
mode voltage
Vicm
50
—
1570
mV
—
Power supply
current
Icc
—
—
5
mA
—
Input
capacitance
Cin
—
4
—
pF
2
Note:
1. At recommended operation conditions with O1VDD=1.8V.
2. The die capacitance may cause reflection of the clock signal through the package back to the pin. This should not affect
the signal quality seen by internal PLL. Recommend verifying signal quality using IBIS simulations.
3. Input differential voltage swing (Vid) specified is equal to |VDIFF_SYSCLK_P - VDIFF_SYSCLK_N|
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
NXP Semiconductors
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com