Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 71 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 67Page - NXP Semiconductors LS1020A Datasheet HTML 68Page - NXP Semiconductors LS1020A Datasheet HTML 69Page - NXP Semiconductors LS1020A Datasheet HTML 70Page - NXP Semiconductors LS1020A Datasheet HTML 71Page - NXP Semiconductors LS1020A Datasheet HTML 72Page - NXP Semiconductors LS1020A Datasheet HTML 73Page - NXP Semiconductors LS1020A Datasheet HTML 74Page - NXP Semiconductors LS1020A Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 201 page
background image
Table 24. RESET initialization timing specifications
(continued)
Parameter/Condition
Min
Max
Unit
Notes
Required input assertion time of HRESET_B
32
—
SYSCLKs
2, 3
Maximum rise/fall time of HRESET_B
—
10
SYSCLKs
4, 5
Maximum rise/fall time of PORESET_B
—
1
SYSCLKs
4, 6
Input setup time for POR configs (other than cfg_eng_use0) with
respect to negation of PORESET_B
4
—
SYSCLKs
2, 7
Input hold time for all POR configs with respect to negation of
PORESET_B
2
—
SYSCLKs
2
Maximum valid-to-high impedance time for actively driven POR
configs with respect to negation of PORESET_B
—
5
SYSCLKs
2
Notes:
1. PORESET_B must be driven asserted before the core and platform power supplies are powered up.
2. SYSCLK is the primary clock input for the chip.
3. The device asserts HRESET_B as an output when PORESET_B is asserted to initiate the power-on reset process. The
device releases HRESET_B sometime after PORESET_B is deasserted. The exact sequencing of HRESET_B deassertion is
documented in the reference manual's "Power-on Reset Sequence" section.
4. The system/board must be designed to ensure the input requirement to the device is achieved. Proper device operation is
guaranteed for inputs meeting this requirement by design, simulation, characterization, or functional testing.
5. For HRESET_B the rise/fall time should not exceed 10 SYSCLKs. Rise time refers to signal transitions from 20% to 70% of
O1VDD. Fall time refers to transitions from 70% to 20% of O1VDD.
6. For PORESET_B the rise/fall time should not exceed 1 SYSCLK. Rise time refers to signal transitions from 20% to 70% of
O1VDD. Fall time refers to transitions from 70% to 20% of O1VDD.
7. For proper clock selection, terminate cfg_eng_use0 with a pull up or pull down of 4.7 kΩ to ensure that the signal has a
valid state as soon as the IO voltage reaches its operating condition.
This table provides the phase-locked loop (PLL) lock times.
Table 25. PLL lock times
Parameter/Condition
Min
Max
Unit
Notes
PLL lock times (Core, platform, DDR only)
—
100
μs
—
3.9 DDR3L and DDR4 SDRAM controller
This section describes the DC and AC electrical specifications for the DDR3L and DDR4
SDRAM controller interface. Note that the required G1VDD(typ) voltage is 1.35 V when
interfacing to DDR3L SDRAM, and the required G1VDD(typ) voltage is 1.2 V when
interfacing to DDR4 SDRAM.
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
NXP Semiconductors
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com