Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 60Page - NXP Semiconductors LS1020A Datasheet HTML 61Page - NXP Semiconductors LS1020A Datasheet HTML 62Page - NXP Semiconductors LS1020A Datasheet HTML 63Page - NXP Semiconductors LS1020A Datasheet HTML 64Page - NXP Semiconductors LS1020A Datasheet HTML 65Page - NXP Semiconductors LS1020A Datasheet HTML 66Page - NXP Semiconductors LS1020A Datasheet HTML 67Page - NXP Semiconductors LS1020A Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 201 page
background image
Table 12. Power supply ramp rate
Parameter
Min
Max
Unit
Notes
Required ramp rate for all voltage supplies (except for TA_PROG_SFP and
USB_HVDD)
—
25
V/ms
1, 2
TA_PROG_SFP
—
25
V/ms
1, 2
USB_HVDD
—
26.7
V/ms
1, 2
Notes:
1. Ramp rate is specified as a linear ramp from 10% to 90%. If non-linear (for example, exponential), the maximum rate of
change from 200 mV to 500 mV is the most critical as this range might falsely trigger the ESD circuitry.
2. Over full recommended operating temperature range. See Table 3.
3.7 Input clocks
3.7.1 System clock (SYSCLK)
This section describes the system clock DC electrical characteristics and AC timing
specifications.
3.7.1.1 SYSCLK DC electrical characteristics
This table provides the SYSCLK DC characteristics.
Table 13. SYSCLK DC electrical characteristics3
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input high voltage
VIH
0.7 x O1VDD
—
—
V
1
Input low voltage
VIL
—
—
0.2 x O1VDD
V
1
Input capacitance
CIN
—
7
12
pF
—
Input current (O1VIN= 0 V or O1VIN =
O1VDD)
IIN
—
—
± 50
µA
2
Notes:
1. The min VILand max VIH values are based on the respective min and max O1VIN values found in Table 3.
2. The symbol OVIN, in this case, represents the O1VIN symbol referenced in Table 3.
3. At recommended operating conditions with O1VDD = 1.8 V. See Table 3.
3.7.1.2 SYSCLK AC timing specifications
This table provides the SYSCLK AC timing specifications.
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
64
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com