Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 1 Page - NXP Semiconductors

  LS1020A Datasheet HTML 1Page - NXP Semiconductors LS1020A Datasheet HTML 2Page - NXP Semiconductors LS1020A Datasheet HTML 3Page - NXP Semiconductors LS1020A Datasheet HTML 4Page - NXP Semiconductors LS1020A Datasheet HTML 5Page - NXP Semiconductors LS1020A Datasheet HTML 6Page - NXP Semiconductors LS1020A Datasheet HTML 7Page - NXP Semiconductors LS1020A Datasheet HTML 8Page - NXP Semiconductors LS1020A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 201 page
background image
LS1020A
QorIQ LS1020A Data Sheet
Features
• Arm® Cortex®-A7 MPCore compliant with Armv7-
A™ architecture
• LS1020A contains a dual-core Cortex-A7. Each core
includes:
– 32 KB L1 Instruction Cache (ECC protection)
– 32 KB L1 Data Cache (ECC protection)
– NEON Co-processor
– Floating Point (FPU)
– QorIQ Trust Architecture and Arm TrustZone®
• Snoop Control Unit (SCU)
• 512 KB unified I/D L2 Cache (ECC protection)
• Hierarchical interconnect fabric
– The platform has a single 128-bit AMBA 4 AXI
Coherency Extensions (ACE) master port, which
connects to CCI-400 Interconnect.
• One 8/16/32-bit DDR3L/DDR4 SDRAM memory
controllers
– ECC and interleaving support
• VeTSEC Ethernet complex
– Up to 3x Gigabit Ethernet
– MII, RMII, RGMII, and SGMII support
– QoS, lossless flow control, and IEEE® 1588
• Up to 4 SerDes lanes for high-speed peripheral
interfaces
– Two PCI Express Gen2 controllers
– One Serial ATA 3.0 (SATA 1.5, 3.0, 6.0 Gbps)
controller
– Two SGMII interfaces supporting 1000 Mbps
• Integrated audio block
– Four synchronous audio interfaces (SAI)
– I2S, AC97, and Codec/DSP interfaces
– Sony/Philips Digital Interconnect Format (S/PDIF)
– Asynchronous Sample Rate Converter (ASRC)
• Additional peripheral interfaces
– One high-speed USB 3.0 controller with integrated
PHY
– One high-speed USB 2.0 controller with ULPI
– Enhanced secure digital host controller
(eSDHC/MMC/eMMC)
– Three I2C controllers
– FlexTimer/PWM
– SPI interface
– QuadSPI controller
– Two DUARTs
– Six LPUART interfaces
– Integrated flash controller supporting NAND and
NOR flash
– TDM interface
– Four GPIO controllers supporting up to 109 general
purpose I/O signals
– One 4-channel qDMA controller and one eDMA
controller
– Global interrupt controller (GIC)
– Thermal monitor unit (TMU)
• QUICC Engine ULite block
– 32-bit RISC controller for flexible support of the
communications peripherals
– Serial DMA channel for receive and transmit on all
serial channels
– Two universal communication controllers (TDM
and HDLC) supporting 64 multichannels, each
running at 64 Kbps
• 525 FC-PBGA package, 19 mm x 19 mm
NXP Semiconductors
Document Number LS1020A
Data Sheet: Technical Data
Rev. 6, 09/2017
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Similar Part No. - LS1020A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
LS1020A FREESCALE-LS1020A Datasheet
964Kb / 71P
TWR-LS1021A Reference Manual
More results

Similar Description - LS1020A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
P2020NSE2MHC FREESCALE-P2020NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P5020NSE1VNB FREESCALE-P5020NSE1VNB Datasheet
112Kb / 2P
QorIQ P5020/P5010 Processors
P2020PSE2HFC FREESCALE-P2020PSE2HFC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
P1022NXE2LFB FREESCALE-P1022NXE2LFB Datasheet
398Kb / 1P
QorIQ Hardware Specifications
P2010NSE2MHC FREESCALE-P2010NSE2MHC Datasheet
129Kb / 2P
QorIQ P2010 and P2020 Processors
logo
NXP Semiconductors
LS1012ARDBFS NXP-LS1012ARDBFS Datasheet
282Kb / 2P
QorIQ LS Processor Family
2014
LS1088A NXP-LS1088A Datasheet
1Mb / 196P
QorIQ LS1088A Data Sheet
Rev. 0, 01/2018
LS1026A NXP-LS1026A Datasheet
204Kb / 2P
QorIQ LS1046A and LS1026A Processors
LS1048A NXP-LS1048A Datasheet
155Kb / 2P
QorIQ LS1 Processor Family
P3041NXN7NNC NXP-P3041NXN7NNC Datasheet
331Kb / 31P
P3041 QorIQ Communications Processor
Rev. 0, 11/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com