Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 55Page - NXP Semiconductors LS1020A Datasheet HTML 56Page - NXP Semiconductors LS1020A Datasheet HTML 57Page - NXP Semiconductors LS1020A Datasheet HTML 58Page - NXP Semiconductors LS1020A Datasheet HTML 59Page - NXP Semiconductors LS1020A Datasheet HTML 60Page - NXP Semiconductors LS1020A Datasheet HTML 61Page - NXP Semiconductors LS1020A Datasheet HTML 62Page - NXP Semiconductors LS1020A Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 201 page
background image
Table 8. Core power dissipation (continued)
Power
mode
Core
freq
(MHz)
Platform
freq
(MHz)
DDR
data
rate
(MT/s)
VDDC,
VDD,
S1VDD,
TA_BB_VD
D
(V)
Junction
temperat
ure (ºC)
Total
core and
platform
power
(W)1
Power (W)
Notes
Thermal
105
3.72
2.95
0.42
0.32
0.02
6, 7
Maximum
3.86
3.08
0.44
0.32
0.02
4, 5
Typical
1000
300
1600
1.0
65
2.09
1.59
0.20
0.29
0.01
2, 3
Thermal
105
3.68
2.94
0.40
0.32
0.02
6, 7
Maximum
3.82
3.06
0.41
0.32
0.02
4, 5
Typical
800
300
1300
1.0
65
1.97
1.49
0.18
0.29
0.01
2, 3
Thermal
105
3.56
2.84
0.38
0.32
0.02
6, 7
Maximum
3.68
2.95
0.39
0.32
0.02
4, 5
Notes:
1. Combined power of VDD, VDDC, S1VDD, and TA_BB_VDD with DDR controller and all SerDes banks active. Does not
include I/O power.
2. Typical power assumes Dhrystone running with activity factor of 80% (on all cores) and executing DMA on the platform
with 100% activity factor.
3. Typical power based on nominal processed device.
4. Maximum power assumes multicore Dhrystone running with a 100% activity factor and executing DMA on the platform with
a 115% activity factor.
5. Maximum power is provided for power supply design sizing.
6. Thermal power assumes multicore Dhrystone running with an 80% activity factor and executing DMA on the platform with
a 115% activity factor.
7. Thermal and maximum power are based on worst-case processed device.
3.4.1 Low power mode saving estimation
Refer to this table for low power mode savings.
Table 9. Low power mode savings, 1.0 V, 65C1, 2, 3
Mode
Core Frequency =
800 MHz
Core Frequency =
1.0 GHz
Core Frequency =
1.2 GHz
Units
Notes
PW15
0.04
0.05
0.06
Watts
4
PCL10
0.06
0.07
0.08
Watts
LMP20
0.33
0.39
0.45
Watts
5
Notes:
1. Power for VDD only
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
NXP Semiconductors
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com