Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 53Page - NXP Semiconductors LS1020A Datasheet HTML 54Page - NXP Semiconductors LS1020A Datasheet HTML 55Page - NXP Semiconductors LS1020A Datasheet HTML 56Page - NXP Semiconductors LS1020A Datasheet HTML 57Page - NXP Semiconductors LS1020A Datasheet HTML 58Page - NXP Semiconductors LS1020A Datasheet HTML 59Page - NXP Semiconductors LS1020A Datasheet HTML 60Page - NXP Semiconductors LS1020A Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 201 page
background image
For secure boot fuse programming, use the following steps:
1. After negation of PORESET_B, drive TA_PROG_SFP = 1.8 V after a required
minimum delay per Table 7.
2. After fuse programming is complete, it is required to return TA_PROG_SFP = GND
before the system is power cycled (PORESET_B assertion) or powered down (VDD
ramp down) per the required timing specified in Table 7. See Security fuse processor
for additional details.
3. If using trust architecture security monitor battery backed features, prior to VDD
ramping up to the 0.5V level, ensure that OVDD is ramped to recommended
operational voltage and SYSCLK or DIFF_SYSCLK/DIFF_SYSCLK_B is running.
These clocks should have a minimum frequency of 800Hz and a maximum frequency
no greater than the supported system clock frequency for the device.
Warning
No activity other than that required for secure boot fuse
programming is permitted while TA_PROG_SFP is driven to
any voltage above GND, including the reading of the fuse
block. The reading of the fuse block may only occur while
TA_PROG_SFP = GND.
This figure shows the TA_PROG_SFP timing diagram.
TA_PROG_SFP
VDD
PORESET_B
90% OVDD
Fuse programming
tTA_PROG_SFP_PROG
NOTE: TA_PROG_SFP must be stable at 1.8 V prior to initiating fuse programming.
tTA_PROG_SFP_DELAY
10% TA_PROG_SFP
tTA_PROG_SFP_RST
tTA_PROG_SFP_VDD
10% TA_PROG_SFP
90% VDD
90% OVDD
Figure 9. TA_PROG_SFP timing diagram
This table provides information on the power-down and power-up sequence parameters
for TA_PROG_SFP.
Table 7. TA_PROG_SFP timing 5
Driver type
Min
Max
Unit
Notes
tTA_PROG_SFP_DELAY
100
—
SYSCLKs
1
tTA_PROG_SFP_PROG
0
—
us
2
tTA_PROG_SFP_VDD
0
—
us
3
Table continues on the next page...
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
NXP Semiconductors
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com