Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 4 Page - NXP Semiconductors

  LS1020A Datasheet HTML 1Page - NXP Semiconductors LS1020A Datasheet HTML 2Page - NXP Semiconductors LS1020A Datasheet HTML 3Page - NXP Semiconductors LS1020A Datasheet HTML 4Page - NXP Semiconductors LS1020A Datasheet HTML 5Page - NXP Semiconductors LS1020A Datasheet HTML 6Page - NXP Semiconductors LS1020A Datasheet HTML 7Page - NXP Semiconductors LS1020A Datasheet HTML 8Page - NXP Semiconductors LS1020A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 201 page
background image
QorIQ LS1020A Processor Block Diagram
DDR3L/4
Memory
Controller
Security
(XoR,
CRC)
128 KB
SRAM
512 KB Coherent L2 Cache
32 KB
D Cache
32 KB
I Cache
32 KB
D Cache
32 KB
I Cache
System Interfaces
System Control
IFC Flash
QuadSPI Flash
1x SD/MMC
2x DUART, 6x LPUART
Internal Boot ROM
Security Monitor
Security Fuses
Power Management
eDMA
3x I
2 C, 2x SPI, 4x GPIO
USB 2.0
8x FlexTimer/PWM
USB 3.0 w/ PHY
Audio Subsystem:
4x SAI, ASRC, SPDIF
4-Lane 6 GHz SerDes
Core Complex
Basic Peripherals and Interconnect
Accelerators and Memory Control
Networking Elements
Arm ®
Cortex ®-A7
Core
NEON
FPU
Arm ®
Cortex ®-A7
Core
NEON
FPU
qDMA
Cache Coherent Interconnect (CCI-400)
SMMU
SMMU
SMMU
SMMU
2x WDOG
GIC-400
TMU
(HDLC,
TDM,
PB)
QUICC
Engine
Figure 1. LS1020A block diagram
2 Pin assignments
LS1020A Ball Map and Pin List
2.1.1 525 ball layout diagrams
This figure shows the complete view of the LS1020A ball map diagram. Figure 3, Figure
4, Figure 5, and Figure 6 show quadrant views.
2.1
Pin assignments
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
4
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com