Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 68 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 64Page - NXP Semiconductors LS1020A Datasheet HTML 65Page - NXP Semiconductors LS1020A Datasheet HTML 66Page - NXP Semiconductors LS1020A Datasheet HTML 67Page - NXP Semiconductors LS1020A Datasheet HTML 68Page - NXP Semiconductors LS1020A Datasheet HTML 69Page - NXP Semiconductors LS1020A Datasheet HTML 70Page - NXP Semiconductors LS1020A Datasheet HTML 71Page - NXP Semiconductors LS1020A Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 201 page
background image
3.7.5 DDR clock (DDRCLK)
This section provides the DDRCLK DC electrical characteristics and AC timing
specifications.
3.7.5.1 DDRCLK DC electrical characteristics
This table provides the DDRCLK DC electrical characteristics.
Table 20. DDRCLK DC electrical characteristics3
Parameter
Symbol
Min
Typical
Max
Unit
Notes
Input high voltage
VIH
0.7 x OVDD
—
—
V
1
Input low voltage
VIL
—
—
0.2 x OVDD
V
1
Input capacitance
CIN
—
7
12
pF
—
Input current (OVIN= 0 V or OVIN =
OVDD)
IIN
—
—
± 100
μA
2
Notes:
1. The min VILand max VIH values are based on the respective min and max OVIN values found in Table 3.
2. The symbol OVIN, in this case, represents the OVIN symbol referenced in Table 3.
3. At recommended operating conditions with OVDD = 1.8 V. See Table 3.
3.7.5.2 DDRCLK AC timing specifications
This table provides the DDRCLK AC timing specifications.
Table 21. DDRCLK AC timing specifications5
Parameter/Condition
Symbol
Min
Typ
Max
Unit
Notes
DDRCLK frequency
fDDRCLK
64.0
—
133.3
MHz
1, 2
DDRCLK cycle time
tDDRCLK
7.5
—
15.6
ns
1, 2
DDRCLK duty cycle
tKHK/tDDRCLK
40
—
60
%
2
DDRCLK slew rate
—
1
—
4
V/ns
3
DDRCLK peak period jitter
—
—
—
± 150
ps
—
DDRCLK jitter phase noise at -56 dBc —
—
—
500
kHz
4
AC input swing limits at 1.8 V OVDD
ΔVAC
1.08
—
1.8
V
—
Notes:
1.
Caution: The relevant clock ratio settings must be chosen such that the resulting DDRCLK frequencies do not exceed
their respective maximum or minimum operating frequencies.
2. Measured at the rising edge and/or the falling edge at OVDD/2.
3. Slew rate as measured from 0.35 x OVDD to 0.65 x OVDD.
4. Phase noise is calculated as FFT of TIE jitter.
5. At recommended operating conditions with OVDD = 1.8V. See Table 3.
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
68
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com