Electronic Components Datasheet Search
  English  ▼

X  

LS1020A Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LS1020A
Description  QorIQ LS1020A
PDF  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1020A Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LS1020A Datasheet HTML 76Page - NXP Semiconductors LS1020A Datasheet HTML 77Page - NXP Semiconductors LS1020A Datasheet HTML 78Page - NXP Semiconductors LS1020A Datasheet HTML 79Page - NXP Semiconductors LS1020A Datasheet HTML 80Page - NXP Semiconductors LS1020A Datasheet HTML 81Page - NXP Semiconductors LS1020A Datasheet HTML 82Page - NXP Semiconductors LS1020A Datasheet HTML 83Page - NXP Semiconductors LS1020A Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 201 page
background image
Table 35. SGMII DC transmitter electrical characteristics (X1VDD = 1.35 V)4 (continued)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Output differential voltage
(XVDD-Typ at 1.35 V)
│VOD│
320
500.0
725.0
mV
2, 3, 5
LNmTECR0[AMP_
RED]=0b000000
293.8
459.0
665.6
2, 3, 5
LNmTECR0[AMP_
RED]=0b000001
266.9
417.0
604.7
2, 3, 5
LNmTECR0[AMP_
RED]=0b000011
240.6
376.0
545.2
2, 3, 5
LNmTECR0[AMP_
RED]=0b000010
213.1
333.0
482.9
2, 3, 5
LNmTECR0[AMP_
RED]=0b000110
186.9
292.0
423.4
2, 3, 5
LNmTECR0[AMP_
RED]=0b000111
160.0
250.0
362.5
2, 3, 5
LNmTECR0[AMP_
RED]=0b010000
Output impedance (differential)
RO
80
100
120
Ω
—
Notes:
1. This does not align to DC-coupled SGMII.
2.
│VOD│ = │VSD_TXn_P - VSD_TXn_N│. │VOD│ is also referred to as output differential peak voltage. VTX-DIFFp-p = 2 x │VOD│.
3. The
│VOD│ value shown in the Typ column is based on the condition of X1VDD-Typ = 1.35 V, no common mode offset
variation. SerDes transmitter is terminated with 100-Ω differential load between SDn _TXn_P and SDn_TXn_N.
4. For recommended operating conditions, see Table 3.
5. Example amplitude reduction setting for SGMII on SerDes1 lane E: SRDS1LN4TECR0[AMP_RED] = 0b000001 for an
output differential voltage of 459 mV typical.
This figure shows an example of a 4-wire AC-coupled SGMII serial link connection.
Electrical characteristics
QorIQ LS1020A Data Sheet, Rev. 6, 09/2017
80
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com