| Electronic Components Datasheet Search |
|
TMS320VC5509 Datasheet(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5509 Datasheet(HTML) 37 Page - Texas Instruments |
|
37 / 124 page ![]() Functional Overview 37 April 2001 − Revised January 2008 SPRS163H 3.2 Peripherals The 5509 supports the following peripherals: • A Configurable Parallel External Interface supporting either: − 16-bit external memory interface (EMIF) for asynchronous memory and/or SDRAM − 16-bit enhanced host-port interface (HPI) • A six-channel direct memory access (DMA) controller • A programmable digital phase-locked loop (DPLL) clock generator • Two 20-bit timers • Watchdog Timer • Three serial ports supporting a combination of: − up to three multichannel buffered serial ports (McBSPs) − up to two MultiMedia/Secure Digital Card Interfaces • Seven (LQFP) or Eight (BGA) configurable general-purpose I/O pins • USB full-speed slave interface supporting: − Bulk − Interrupt − Isochronous • I2C multi-master and slave interface (I2C compatible except, no fail-safe I/O buffers) • Real-time clock with crystal input, separate clock domain and supply pins • 4-channel (BGA) or 2-channel (LQFP)10-bit Successive Approximation A/D For detailed information on the C55x DSP peripherals, see the following documents: • TMS320C55x DSP Functional Overview (literature number SPRU312) • TMS320C55x DSP Peripherals Overview Reference Guide (literature number SPRU317) 3.3 Direct Memory Access (DMA) Controller The 5509 DMA provides the following features: • Four standard ports, one for each of the following data resources: DARAM, SARAM, Peripherals and External Memory • Six channels, which allow the DMA controller to track the context of six independent DMA channels • Programmable low/high priority for each DMA channel • One interrupt for each DMA channel • Event synchronization. DMA transfers in each channel can be dependent on the occurrence of selected events. • Programmable address modification for source and destination addresses • Dedicated Idle Domain allows the DMA controller to be placed in a low-power (idle) state under software control. • Dedicated DMA channel used by the HPI to access internal memory (DARAM) The 5509 DMA controller allows transfers to be synchronized to selected events. The 5509 supports 19 separate sync events and each channel can be tied to separate sync events independent of the other channels. Sync events are selected by programming the SYNC field in the channel-specific DMA Channel Control Register (DMA_CCR). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |