Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 61 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 57Page - Texas Instruments TMS320VC5509 Datasheet HTML 58Page - Texas Instruments TMS320VC5509 Datasheet HTML 59Page - Texas Instruments TMS320VC5509 Datasheet HTML 60Page - Texas Instruments TMS320VC5509 Datasheet HTML 61Page - Texas Instruments TMS320VC5509 Datasheet HTML 62Page - Texas Instruments TMS320VC5509 Datasheet HTML 63Page - Texas Instruments TMS320VC5509 Datasheet HTML 64Page - Texas Instruments TMS320VC5509 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
Functional Overview
61
April 2001 − Revised January 2008
SPRS163H
Table 3−30. Watchdog Timer Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x4000
WDTIM[15:0]
WD Timer Counter Register
1111 1111 1111 1111
0x4001
WDPRD[15:0]
WD Timer Period Register
1111 1111 1111 1111
0x4002
WDTCR[13:0]
WD Timer Control Register
0000 0011 1100 1111
0x4003
WDTCR2[15:0]
WD Timer Control Register 2
0001 0000 0000 0000
† Hardware reset; x denotes a “don’t care.”
Table 3−31. MMC/SD1 Module Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x4800
MMCFCLK[8:0]
MMC Function Clock Control Register
0000 0000 0000 0111
0x4801
MMCCTL[10:0]
MMC Control Register
0000 0000 0000 0000
0x4802
MMCCLK[8:0]
MMC Clock Control Register
0000 0000 0000 1111
0x4803
MMCST0[12:0]
MMC Status Register 0
0000 0001 0000 0000
0x4804
MMCST1[5:0]
MMC Status Register 1
0000 0000 0000 0000
0x4805
MMCIE[12:0]
MMC Interrupt Enable Register
0000 0000 0000 0000
0x4806
MMCTOR[7:0]
MMC Response Time-Out Register
0000 0000 0000 0000
0x4807
MMCTOD[15:0]
MMC Data Read Time-Out Register
0000 0000 0000 0000
0x4808
MMCBLEN[11:0]
MMC Block Length Register
0000 0010 0000 0000
0x4809
MMCNBLK[15:0]
MMC Number of Blocks Register
0000 0000 0000 0000
0x480A
MMCNBLC[15:0]
MMC Number of Blocks Counter Register
0000 0000 0000 0000
0x480B
MMCDRR[15:0]
MMC Data Receive Register
0000 0000 0000 0000
0x480C
MMCDXR[15:0]
MMC Data Transmit Register
0000 0000 0000 0000
0x480D
MMCCMD[15:0]
MMC Command Register
0000 0000 0000 0000
0x480E
MMCARGL[15:0]
MMC Argument Register − Low
0000 0000 0000 0000
0x480F
MMCARGH[15:0]
MMC Argument Register − High
0000 0000 0000 0000
0x4810
MMCRSP0[15:0]
MMC Response Register 0
0000 0000 0000 0000
0x4811
MMCRSP1[15:0]
MMC Response Register 1
0000 0000 0000 0000
0x4812
MMCRSP2[15:0]
MMC Response Register 2
0000 0000 0000 0000
0x4813
MMCRSP3[15:0]
MMC Response Register 3
0000 0000 0000 0000
0x4814
MMCRSP4[15:0]
MMC Response Register 4
0000 0000 0000 0000
0x4815
MMCRSP5[15:0]
MMC Response Register 5
0000 0000 0000 0000
0x4816
MMCRSP6[15:0]
MMC Response Register 6
0000 0000 0000 0000
0x4817
MMCRSP7[15:0]
MMC Response Register 7
0000 0000 0000 0000
0x4818
MMCDRSP[7:0]
MMC Data Response Register
0000 0000 0000 0000
0x4819
Reserved
0x481A
MMCCIDX[7:0]
MMC Command Index Register
0000 0000 0000 0000
† Hardware reset; x denotes a “don’t care.”
NOTE: The MMC/SD module must be selected in the External Bus Selection Register before any MMC/SD module register read or write attempt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com